Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIS328DQ Datasheet (PDF) - STMicroelectronics

AIS328DQ Datasheet PDF - STMicroelectronics
Part # AIS328DQ
Download  AIS328DQ Download
File Size   706.15 Kbytes
Page   43 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High-performance ultra low-power 3-axis accelerometer

AIS328DQ Datasheet (PDF)

Go To PDF Page Download Datasheet
AIS328DQ Datasheet PDF - STMicroelectronics

Part # AIS328DQ
Download  AIS328DQ Click to download

File Size   706.15 Kbytes
Page   43 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High-performance ultra low-power 3-axis accelerometer

AIS328DQ Datasheet (HTML) - STMicroelectronics


AIS328DQ Product details

Description
The AIS328DQ is an ultra low-power high performance 3-axis linear accelerometer with a digital serial interface SPI standard output. An I2C compatible interface is also available. The device features ultra low-power operational modes that allow advanced power saving and smart sleep-towakeup functions. The AIS328DQ has dynamic user-selectable full-scales of ±2g/±4g/±8g and is capable of measuring accelerations with output data rates from 0.5 Hz to 1 kHz. The self-test capability allows the user to check the functioning of the sensor in the final application. The device may be configured to generate an interrupt signal through inertial wakeup events, or by the position of the device itself. Thresholds and the timing of interrupt generators are programmable by the end user on-the-fly. Available in a small quad flat pack no-lead package (QFPN) with a 4x4 mm footprint, the AIS328DQ is able to respond to the trend towards application miniaturization, and is guaranteed to operate over a temperature range from -40 °C to +105 °C. QFN 24 (4 x 4 x 1.8 mm3)

Features
■ Wide supply voltage range: 2.4 V to 3.6 V
■ Low voltage compatible IOs: 1.8 V
■ Ultra low-power mode consumption: down to 10 µA
■ ±2g/±4g/±8g dynamically selectable full-scale
■ SPI / I2C digital output interface
■ 16-bit data output
■ 2 independent programmable interrupt generators
■ System sleep/wakeup function
■ Extended temperature range: -40 °C to 105 °C
■ Embedded self-test
■ High shock survivability: up to 10000 g
■ ECOPACK® RoHS and “Green” compliant
■ AEC-Q100 qualification

Applications
■ Telematics and black boxes
■ In-dash car navigation
■ Tilt / inclination measurement
■ Anti-theft devices
■ Intelligent power saving
■ Impact recognition and logging
■ Vibration monitoring and compensation
■ Motion-activated functions




Similar Part No. - AIS328DQ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AIS326DQ STMICROELECTRONICS-AIS326DQ Datasheet
662Kb / 49P
MEMS inertial sensor 3-axis, low g accelerometer with digital output
20-Aug-2008
AIS326DQTR STMICROELECTRONICS-AIS326DQTR Datasheet
662Kb / 49P
MEMS inertial sensor 3-axis, low g accelerometer with digital output
20-Aug-2008
More results


Similar Description - AIS328DQ

ManufacturerPart #DatasheetDescription
logo
VTI technologies
SCA3000-E01 VTI-SCA3000-E01 Datasheet
204Kb / 4P
3-AXIS ULTRA LOW POWER ACCELEROMETER WITH DIGITAL SPI INTERFACE
logo
STMicroelectronics
LIS3DH STMICROELECTRONICS-LIS3DH Datasheet
701Kb / 42P
ultra low-power high performance 3-axes ?쐍ano??accelerometer
21-May-2010
LIS2DH STMICROELECTRONICS-LIS2DH Datasheet
927Kb / 50P
ultra low-power high performance 3-axis ?쐄emto??accelerometer
25-Nov-2011
AN2989 STMICROELECTRONICS-AN2989 Datasheet
470Kb / 28P
high performance ultra low-power 3-axis accelerometer
24-Jun-2009
AIS3624DQ STMICROELECTRONICS-AIS3624DQ Datasheet
1Mb / 41P
ultra-low-power digital output 3-axis accelerometer
14-Dec-2015
LIS2DS12 STMICROELECTRONICS-LIS2DS12 Datasheet
1Mb / 68P
ultra-low-power high-performance 3-axis "pico" accelerometer
14-Dec-2015
LIS3DE STMICROELECTRONICS-LIS3DE Datasheet
1Mb / 46P
ultra-low-power high-performance 3-axis "nano" accelerometer
19-Jun-2014
MIS2DH STMICROELECTRONICS-MIS2DH Datasheet
1Mb / 49P
ultra-low-power high-performance 3-axis accelerometer
03-Sep-2015
IIS328DQ STMICROELECTRONICS-IIS328DQ Datasheet
839Kb / 40P
High-performance ultra-low-power 3-axis accelerometer with digital output for industrial applications
21-Apr-2015
IIS2DH STMICROELECTRONICS-IIS2DH Datasheet
1Mb / 49P
Ultra-low-power high-performance 3-axis accelerometer with digital output for industrial applications
21-Apr-2015
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com