Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS3DH Datasheet(PDF) 9 Page - STMicroelectronics

Part # LIS3DH
Description  ultra low-power high performance 3-axes ?쐍ano??accelerometer
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3DH Datasheet(HTML) 9 Page - STMicroelectronics

Back Button LIS3DH Datasheet HTML 5Page - STMicroelectronics LIS3DH Datasheet HTML 6Page - STMicroelectronics LIS3DH Datasheet HTML 7Page - STMicroelectronics LIS3DH Datasheet HTML 8Page - STMicroelectronics LIS3DH Datasheet HTML 9Page - STMicroelectronics LIS3DH Datasheet HTML 10Page - STMicroelectronics LIS3DH Datasheet HTML 11Page - STMicroelectronics LIS3DH Datasheet HTML 12Page - STMicroelectronics LIS3DH Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
LIS3DH
Block diagram and pin description
Doc ID 17530 Rev 1
9/42
Table 2.
Pin description
Pin#
Name
Function
1
Vdd_IO
Power supply for I/O pins
2
NC
Not connected
3
NC
Not connected
4
SCL
SPC
I2C serial clock (SCL)
SPI serial port clock (SPC)
5
GND
0V supply
6
SDA
SDI
SDO
I2C serial data (SDA)
SPI serial data input (SDI)
3-wire interface serial data output (SDO)
7
SDO
SA0
SPI serial data output (SDO)
I2C less significant bit of the device address (SA0)
8CS
SPI enable
I2C/SPI mode selection (1: I2C mode; 0: SPI enabled)
9
INT2
Inertial interrupt 2
10
RES
Connect to GND
11
INT1
Inertial interrupt 1
12
GND
0 V supply
13
ADC3
Analog to digital converter input 3
14
Vdd
Power supply
15
ADC2
Analog to digital converter input 2
16
ADC1
Analog to digital converter input 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com