Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS3DH Datasheet(PDF) 37 Page - STMicroelectronics

Part # LIS3DH
Description  ultra low-power high performance 3-axes ?쐍ano??accelerometer
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3DH Datasheet(HTML) 37 Page - STMicroelectronics

Back Button LIS3DH Datasheet HTML 33Page - STMicroelectronics LIS3DH Datasheet HTML 34Page - STMicroelectronics LIS3DH Datasheet HTML 35Page - STMicroelectronics LIS3DH Datasheet HTML 36Page - STMicroelectronics LIS3DH Datasheet HTML 37Page - STMicroelectronics LIS3DH Datasheet HTML 38Page - STMicroelectronics LIS3DH Datasheet HTML 39Page - STMicroelectronics LIS3DH Datasheet HTML 40Page - STMicroelectronics LIS3DH Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 42 page
background image
LIS3DH
Registers description
Doc ID 17530 Rev 1
37/42
8.26
CLICK_SRC (39h)
Table 56.
CLICK_CFG description
ZD
Enable interrupt double CLICK-CLICK on Z axis. Default value: 0
(0: disable interrupt request; 1: enable interrupt request on measured accel. value
higher than preset threshold)
ZS
Enable interrupt single CLICK-CLICK on Z axis. Default value: 0
(0: disable interrupt request; 1: enable interrupt request on measured accel. value
higher than preset threshold)
YD
Enable interrupt double CLICK-CLICK on Y axis. Default value: 0
(0: disable interrupt request; 1: enable interrupt request on measured accel. value
higher than preset threshold)
YS
Enable interrupt single CLICK-CLICK on Y axis. Default value: 0
(0: disable interrupt request; 1: enable interrupt request on measured accel. value
higher than preset threshold)
XD
Enable interrupt double CLICK-CLICK on X axis. Default value: 0
(0: disable interrupt request; 1: enable interrupt request on measured accel. value
higher than preset threshold)
XS
Enable interrupt single CLICK-CLICK on X axis. Default value: 0
(0: disable interrupt request; 1: enable interrupt request on measured accel. value
higher than preset threshold)
Table 57.
CLICK_SRC register
IA
DCLICK
SCLICK
Sign
Z
Y
X
Table 58.
CLICK_SRC description
--
IA
Interrupt active. Default value: 0
(0: no interrupt has been generated; 1: one or more interrupts have been generated)
DCLICK
Double CLICK-CLICK enable. Default value: 0 (0:double CLICK-CLICK detection dis-
able, 1: double CLICK-CLICK detection enable)
SCLICK
Single CLICK-CLICK enable. Default value: 0 (0:Single CLICK-CLICK detection dis-
able, 1: single CLICK-CLICK detection enable)
Sign
CLICK-CLICK Sign. 0: positive detection, 1: negative detection
Z
Z CLICK-CLICK detection. Default value: 0
(0: no interrupt, 1: Z High event has occurred)
Y
Y CLICK-CLICK detection. Default value: 0
(0: no interrupt, 1: Y High event has occurred)
X
X CLICK-CLICK detection. Default value: 0
(0: no interrupt, 1: X High event has occurred)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com