Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS3DH Datasheet(PDF) 11 Page - STMicroelectronics

Part # LIS3DH
Description  ultra low-power high performance 3-axes ?쐍ano??accelerometer
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3DH Datasheet(HTML) 11 Page - STMicroelectronics

Back Button LIS3DH Datasheet HTML 7Page - STMicroelectronics LIS3DH Datasheet HTML 8Page - STMicroelectronics LIS3DH Datasheet HTML 9Page - STMicroelectronics LIS3DH Datasheet HTML 10Page - STMicroelectronics LIS3DH Datasheet HTML 11Page - STMicroelectronics LIS3DH Datasheet HTML 12Page - STMicroelectronics LIS3DH Datasheet HTML 13Page - STMicroelectronics LIS3DH Datasheet HTML 14Page - STMicroelectronics LIS3DH Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
LIS3DH
Mechanical and electrical specifications
Doc ID 17530 Rev 1
11/42
2.2
Temperature sensor characteristics
Vdd =2.5 V, T=25 °C unless otherwise noted (b)
2.3
Electrical characteristics
Vdd = 2.5 V, T = 25 °C unless otherwise noted (c)
b.
The product is factory calibrated at 2.5 V.
Table 4.
Temperature sensor characteristics
Symbol
Parameter
Test condition
Min.
Typ.(1)
Max.
Unit
TSDr
Temperature sensor output change vs
temperature
1digit/°C(2)
TODR
Temperature refresh rate
ODR
Hz
Top
Operating temperature range
-40
+85
°C
1.
Typical specifications are not guaranteed.
2.
8-bit resolution.
c.
The product is factory calibrated at 2.5 V. The operational power supply range is from 1.71 V to 3.6 V.
Table 5.
Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.(1)
Max.
Unit
Vdd
Supply voltage
1.71
2.5
3.6
V
Vdd_IO I/O pins supply voltage(2)
1.71
Vdd+0.1
V
Idd
Current consumption in normal mode
50 Hz ODR
11
µA
Idd
Current consumption in normal mode
1 Hz ODR
2
µA
IddLP
Current consumption in low-power mode
50 Hz ODR
6
µA
IddPdn
Current consumption in power-down
mode
0.5
µA
VIH
Digital high level input voltage
0.8*Vdd_IO
V
VIL
Digital low level input voltage
0.2*Vdd_IO
V
VOH
High level output voltage
0.9*Vdd_IO
V
VOL
Low level output voltage
0.1*Vdd_IO
V
BW
System bandwidth(3)
ODR/2
Hz
Ton
Turn-on time(4)
ODR = 100 Hz
1
ms
Top
Operating temperature range
-40
+85
°C
1.
Typical specification are not guaranteed.
2.
It is possible to remove Vdd maintaining Vdd_IO without blocking the communication busses, in this condition the
measurement chain is powered off.
3.
Referred to Table 25 for the ODR value and configuration.
4.
Time to obtain valid data after exiting power-down mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com