Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS3DH Datasheet(PDF) 30 Page - STMicroelectronics

Part # LIS3DH
Description  ultra low-power high performance 3-axes ?쐍ano??accelerometer
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3DH Datasheet(HTML) 30 Page - STMicroelectronics

Back Button LIS3DH Datasheet HTML 26Page - STMicroelectronics LIS3DH Datasheet HTML 27Page - STMicroelectronics LIS3DH Datasheet HTML 28Page - STMicroelectronics LIS3DH Datasheet HTML 29Page - STMicroelectronics LIS3DH Datasheet HTML 30Page - STMicroelectronics LIS3DH Datasheet HTML 31Page - STMicroelectronics LIS3DH Datasheet HTML 32Page - STMicroelectronics LIS3DH Datasheet HTML 33Page - STMicroelectronics LIS3DH Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 42 page
background image
Registers description
LIS3DH
30/42
Doc ID 17530 Rev 1
ODR<3:0> is used to set power mode and ODR selection. In the following table are reported
all frequency resulting in combination of ODR<3:0>
8.9
CTRL_REG2 (21h)
Table 26.
Data rate configuration
ODR3
ODR2
ODR1
ODR0
Power mode selection
0
0
0
0
Power down mode
0
0
0
1
Normal / low power mode (1 Hz)
0
0
1
0
Normal / low power mode (10 Hz)
0
0
1
1
Normal / low power mode (25 Hz)
0
1
0
0
Normal / low power mode (50 Hz)
0
1
0
1
Normal / low power mode (100 Hz)
0
1
1
0
Normal / low power mode (200 Hz)
0
1
1
1
Normal / low power mode (400 Hz)
1
0
0
0
Low power mode (1.6 KHz)
1
0
0
1
Normal (1.25 kHz) / low power mode (5 KHz)
Table 27.
CTRL_REG2 register
HPM1
HPM0
HPCF2
HPCF1
FDS
HPCLICK
HPIS2
HPIS1
Table 28.
CTRL_REG2 description
HPM1 -HPM0
High pass filter mode selection. Default value: 00
Refer to Table 29, "High pass filter mode configuration"
HPCF2 -
HPCF1
High pass filter cut off frequency selection
FDS
Filtered data selection. Default value: 0
(0: internal filter bypassed; 1: data from internal filter sent to output register and
FIFO)
HPCLICK
High pass filter enabled for CLICK function.
(0: filter bypassed; 1: filter enabled)
HPIS2
High pass filter enabled for AOI function on interrupt 2,
(0: filter bypassed; 1: filter enabled)
HPIS1
High pass filter enabled for AOI function on interrupt 1,
(0: filter bypassed; 1: filter enabled)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com