Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS3DH Datasheet(PDF) 34 Page - STMicroelectronics

Part # LIS3DH
Description  ultra low-power high performance 3-axes ?쐍ano??accelerometer
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3DH Datasheet(HTML) 34 Page - STMicroelectronics

Back Button LIS3DH Datasheet HTML 30Page - STMicroelectronics LIS3DH Datasheet HTML 31Page - STMicroelectronics LIS3DH Datasheet HTML 32Page - STMicroelectronics LIS3DH Datasheet HTML 33Page - STMicroelectronics LIS3DH Datasheet HTML 34Page - STMicroelectronics LIS3DH Datasheet HTML 35Page - STMicroelectronics LIS3DH Datasheet HTML 36Page - STMicroelectronics LIS3DH Datasheet HTML 37Page - STMicroelectronics LIS3DH Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 42 page
background image
Registers description
LIS3DH
34/42
Doc ID 17530 Rev 1
8.19
FIFO_CTRL_REG (2Eh)
8.20
FIFO_SRC_REG (2Fh)
8.21
INT1_CFG (30h)
Table 42.
REFERENCE register
FM1
FM0
TR
FTH4
FTH3
FTH2
FTH1
FTH0
Table 43.
REFERENCE register description
FM1-FM0
FIFO mode selection. Default value: 00 (see
Table 44)
TR
Trigger selection. Default value: 0
0: Trigger event liked to trigger signal on INT1
1: Trigger event liked to trigger signal on INT2
FTH4:0
Default value: 0
Table 44.
FIFO mode configuration
FM1
FM0
Self test mode
0
0
Bypass mode
0
1
FIFO mode
1
0
Stream mode
1
1
Trigger mode
Table 45.
FIFO_SRC register
WTM
OVRN_FIFO
EMPTY
FSS4
FSS3
FSS2
FSS1
FSS0
Table 46.
INT1_CFG register
AOI
6D
ZHIE/
ZUPE
ZLIE/
ZDOWNE
YHIE/
YUPE
YLIE/
YDOWNE
XHIE/
XUPE
XLIE/
XDOWNE
Table 47.
INT1_CFG description
AOI
And/Or combination of Interrupt events. Default value: 0. Refer to Table 48, "Inter-
rupt mode"
6D
6 direction detection function enabled. Default value: 0. Refer to Table 48, "Interrupt
mode"
ZHIE/
ZUPE
Enable interrupt generation on Z high event or on Direction recognition. Default
value: 0 (0: disable interrupt request;1: enable interrupt request)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com