Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS3DH Datasheet(PDF) 26 Page - STMicroelectronics

Part # LIS3DH
Description  ultra low-power high performance 3-axes ?쐍ano??accelerometer
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3DH Datasheet(HTML) 26 Page - STMicroelectronics

Back Button LIS3DH Datasheet HTML 22Page - STMicroelectronics LIS3DH Datasheet HTML 23Page - STMicroelectronics LIS3DH Datasheet HTML 24Page - STMicroelectronics LIS3DH Datasheet HTML 25Page - STMicroelectronics LIS3DH Datasheet HTML 26Page - STMicroelectronics LIS3DH Datasheet HTML 27Page - STMicroelectronics LIS3DH Datasheet HTML 28Page - STMicroelectronics LIS3DH Datasheet HTML 29Page - STMicroelectronics LIS3DH Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 42 page
background image
Register mapping
LIS3DH
26/42
Doc ID 17530 Rev 1
7
Register mapping
The table given below provides a listing of the 8 bit registers embedded in the device and
the related addresses:
Table 17.
Register address map
Name
Type
Register address
Default
Comment
Hex
Binary
Reserved (do not modify)
00 - 06
Reserved
STATUS_REG_AUX
r
07
000 0111
OUT_ADC1_L
r
08
000 1000
output
OUT_ADC1_H
r
09
000 1001
output
OUT_ADC2_L
r
0A
000 1010
output
OUT_ADC2_H
r
0B
000 1011
output
OUT_ADC3_L
r
0C
000 1100
output
OUT_ADC3_H
r
0D
000 1101
output
INT_COUNTER_REG
r
0E
000 1110
WHO_AM_I
r
0F
000 1111 00110011 Dummy register
Reserved (do not modify)
10 - 1E
Reserved
TEMP_CFG_REG
rw
1F
001 1111
CTRL_REG1
rw
20
010 0000 00000111
CTRL_REG2
rw
21
010 0001 00000000
CTRL_REG3
rw
22
010 0010 00000000
CTRL_REG4
rw
23
010 0011 00000000
CTRL_REG5
rw
24
010 0100 00000000
CTRL_REG6
rw
25
010 0101 00000000
REFERENCE
rw
26
010 0110 00000000
STATUS_REG2
r
27
010 0111 00000000
OUT_X_L
r
28
010 1000
output
OUT_X_H
r
29
010 1001
output
OUT_Y_L
r
2A
010 1010
output
OUT_Y_H
r
2B
010 1011
output
OUT_Z_L
r
2C
010 1100
output
OUT_Z_H
r
2D
010 1101
output
FIFO_CTRL_REG
rw
2E
010 1110 00000000
FIFO_SRC_REG
r
2F
010 1111
INT1_CFG
rw
30
011 0000 00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com