Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS3DH Datasheet(PDF) 28 Page - STMicroelectronics

Part # LIS3DH
Description  ultra low-power high performance 3-axes ?쐍ano??accelerometer
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3DH Datasheet(HTML) 28 Page - STMicroelectronics

Back Button LIS3DH Datasheet HTML 24Page - STMicroelectronics LIS3DH Datasheet HTML 25Page - STMicroelectronics LIS3DH Datasheet HTML 26Page - STMicroelectronics LIS3DH Datasheet HTML 27Page - STMicroelectronics LIS3DH Datasheet HTML 28Page - STMicroelectronics LIS3DH Datasheet HTML 29Page - STMicroelectronics LIS3DH Datasheet HTML 30Page - STMicroelectronics LIS3DH Datasheet HTML 31Page - STMicroelectronics LIS3DH Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
Registers description
LIS3DH
28/42
Doc ID 17530 Rev 1
8
Registers description
8.1
STATUS_AUX (07h)
8.2
OUT_1_L (08h), OUT_1_H (09h)
1-axis acceleration data. The value is expressed in two’s complement.
8.3
OUT_2_L (0Ah), OUT_2_H (0Bh)
2-axis acceleration data. The value is expressed in two’s complement.
8.4
OUT_3_L (0Ch), OUT_3_H (0Dh)
3-axis acceleration data. The value is expressed in two’s complement.
Table 18.
STATUS_REG_AUX register
321OR
3OR
2OR
1OR
321DA
3DA
2DA
1DA
Table 19.
STATUS_REG_AUX description
321OR
1, 2 and 3 axis data overrun. Default value: 0
(0: no overrun has occurred; 1: a new set of data has overwritten the previous ones)
3OR
3 axis data overrun. Default value: 0
(0: no overrun has occurred;
1: a new data for the 3-axis has overwritten the previous one)
2OR
2 axis data overrun. Default value: 0
(0: no overrun has occurred;
1: a new data for the 4-axis has overwritten the previous one)
1OR
1 axis data overrun. Default value: 0
(0: no overrun has occurred;
1: a new data for the 1-axis has overwritten the previous one)
321DA
1, 2 and 3 axis new data available. Default value: 0
(0: a new set of data is not yet available; 1: a new set of data is available)
3DA
3 axis new data available. Default value: 0
(0: a new data for the 3-axis is not yet available;
1: a new data for the 3-axis is available)
2DA
2 axis new data available. Default value: 0
(0: a new data for the 2-axis is not yet available;
1: a new data for the 2-axis is available)
1DA
1 axis new data available. Default value: 0
(0: a new data for the 1-axis is not yet available;
1: a new data for the 1-axis is available)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com