Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS3DH Datasheet(PDF) 29 Page - STMicroelectronics

Part # LIS3DH
Description  ultra low-power high performance 3-axes ?쐍ano??accelerometer
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3DH Datasheet(HTML) 29 Page - STMicroelectronics

Back Button LIS3DH Datasheet HTML 25Page - STMicroelectronics LIS3DH Datasheet HTML 26Page - STMicroelectronics LIS3DH Datasheet HTML 27Page - STMicroelectronics LIS3DH Datasheet HTML 28Page - STMicroelectronics LIS3DH Datasheet HTML 29Page - STMicroelectronics LIS3DH Datasheet HTML 30Page - STMicroelectronics LIS3DH Datasheet HTML 31Page - STMicroelectronics LIS3DH Datasheet HTML 32Page - STMicroelectronics LIS3DH Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
LIS3DH
Registers description
Doc ID 17530 Rev 1
29/42
8.5
INT_COUNTER (0Eh)
8.6
WHO_AM_I (0Fh)
Device identification register.
8.7
TEMP_CFG_REG (1Fh)
8.8
CTRL_REG1 (20h)
Table 20.
INT_COUNTER register
IC7IC6
IC5IC4
IC3IC2
IC1
IC0
Table 21.
WHO_AM_I register
00
110
01
1
Table 22.
TEMP_CFG_REG register
ADC_PD
TEMP_EN
000
00
0
Table 23.
TEMP_CFG_REG description
ADC_PD
ADC enable. Default value: 0
(0: ADC disabled; 1: ADC enabled)
TEMP_EN
Temperature sensor (T) enable. Default value: 0
(0: T disabled; 1: T enabled)
Table 24.
CTRL_REG1 register
ODR3
ODR2
ODR1
ODR0
LPen
Zen
Yen
Xen
Table 25.
CTRL_REG1 description
ODR3-0
Data rate selection. Default value: 00
(0000:50 Hz; Others: Refer to Table 25, “Data rate configuration”)
LPen
Low power mode enable. Default value: 0
(0: normal mode, 1: low power mode)
Zen
Z axis enable. Default value: 1
(0: Z axis disabled; 1: Z axis enabled)
Yen
Y axis enable. Default value: 1
(0: Y axis disabled; 1: Y axis enabled)
Xen
X axis enable. Default value: 1
(0: X axis disabled; 1: X axis enabled)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com