Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS3DH Datasheet(PDF) 15 Page - STMicroelectronics

Part # LIS3DH
Description  ultra low-power high performance 3-axes ?쐍ano??accelerometer
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3DH Datasheet(HTML) 15 Page - STMicroelectronics

Back Button LIS3DH Datasheet HTML 11Page - STMicroelectronics LIS3DH Datasheet HTML 12Page - STMicroelectronics LIS3DH Datasheet HTML 13Page - STMicroelectronics LIS3DH Datasheet HTML 14Page - STMicroelectronics LIS3DH Datasheet HTML 15Page - STMicroelectronics LIS3DH Datasheet HTML 16Page - STMicroelectronics LIS3DH Datasheet HTML 17Page - STMicroelectronics LIS3DH Datasheet HTML 18Page - STMicroelectronics LIS3DH Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 42 page
background image
LIS3DH
Terminology and functionality
Doc ID 17530 Rev 1
15/42
3
Terminology and functionality
3.1
Terminology
3.1.1
Sensitivity
Sensitivity describes the gain of the sensor and can be determined e.g. by applying 1 g
acceleration to it. As the sensor can measure DC accelerations this can be done easily by
pointing the axis of interest towards the center of the earth, noting the output value, rotating
the sensor by 180 degrees (pointing to the sky) and noting the output value again. By doing
so, ±1 g acceleration is applied to the sensor. Subtracting the larger output value from the
smaller one, and dividing the result by 2, leads to the actual sensitivity of the sensor. This
value changes very little over temperature and also time. The sensitivity tolerance describes
the range of Sensitivities of a large population of sensors.
3.1.2
Zero-g level
Zero-g level offset (TyOff) describes the deviation of an actual output signal from the ideal
output signal if no acceleration is present. A sensor in a steady state on a horizontal surface
measure 0 g in X axis and 0 g in Y axis whereas the Z axis measure 1 g. The output is
ideally in the middle of the dynamic range of the sensor (content of OUT registers 00h, data
expressed as 2’s complement number). A deviation from ideal value in this case is called
Zero-g offset. Offset is to some extent a result of stress to MEMS sensor and therefore the
offset can slightly change after mounting the sensor onto a printed circuit board or exposing
it to extensive mechanical stress. Offset changes little over temperature, see “Zero-g level
change vs. temperature”. The Zero-g level tolerance (TyOff) describes the standard
deviation of the range of Zero-g levels of a population of sensors.
3.2
Functionality
3.2.1
Normal mode, low power mode
LIS3DH provides two different operating modes respectively reported as normal mode and
low power mode. While normal mode guarantees high resolution, low power mode reduces
further the current consumption.
The table below reported summarizes how to select the operating mode.
Table 9.
Operating mode selection
CTRL_REG1[3]
(LPen bit)
CTRL_REG4[3]
(HR bit)
Operating mode
1
0
Low power mode
0
1
Normal mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com