Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS3DH Datasheet(PDF) 10 Page - STMicroelectronics

Part # LIS3DH
Description  ultra low-power high performance 3-axes ?쐍ano??accelerometer
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3DH Datasheet(HTML) 10 Page - STMicroelectronics

Back Button LIS3DH Datasheet HTML 6Page - STMicroelectronics LIS3DH Datasheet HTML 7Page - STMicroelectronics LIS3DH Datasheet HTML 8Page - STMicroelectronics LIS3DH Datasheet HTML 9Page - STMicroelectronics LIS3DH Datasheet HTML 10Page - STMicroelectronics LIS3DH Datasheet HTML 11Page - STMicroelectronics LIS3DH Datasheet HTML 12Page - STMicroelectronics LIS3DH Datasheet HTML 13Page - STMicroelectronics LIS3DH Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
Mechanical and electrical specifications
LIS3DH
10/42
Doc ID 17530 Rev 1
2
Mechanical and electrical specifications
2.1
Mechanical characteristics
Vdd = 2.5 V, T = 25 °C unless otherwise noted (a)
a.
The product is factory calibrated at 2.5 V. The operational power supply range is from 1.71V to 3.6 V.
Table 3.
Mechanical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.(1)
Max.
Unit
FS
Measurement range(2)
FS bit set to 00
±2.0
FS bit set to 01
±4.0
FS bit set to 10
±8.0
FS bit set to 11
±16.0
g
So
Sensitivity
FS bit set to 00
1
mg/digit
FS bit set to 01
2
mg/digit
FS bit set to 10
4
mg/digit
FS bit set to 11
12
mg/digit
TCSo
Sensitivity change vs
temperature
FS bit set to 00
0.01
%/°C
TyOff
Typical zero-
g level
offset accuracy(3),(4)
FS bit set to 00
±40
m
g
TCOff
Zero-
g level change
vs temperature
Max delta from 25 °C
±0.5
m
g/°C
An
Acceleration noise
density
FS bit set to 00, Normal Mode
(Table 9), ODR = 100Hz
220
ug/sqrt(H
z)
Vst
Self-test
output change(5),(6),(7)
FS bit set to 00
X axis
276
LSb
FS bit set to 00
Y axis
276
LSb
FS bit set to 00
Z axis
984
LSb
Top
Operating
temperature range
-40
+85
°C
1.
Typical specifications are not guaranteed.
2.
Verified by wafer level test and measurement of initial offset and sensitivity.
3.
Typical zero-g level offset value after MSL3 preconditioning.
4.
Offset can be eliminated by enabling the built-in high pass filter.
5.
The sign of “Self-test output change” is defined by CTRL_REG4 STsign bit, for all axes.
6.
Self-test output changes with the power supply. “Self-test output change” is defined as
OUTPUT[LSb](CTRL_REG4 ST bit=1) - OUTPUT[LSb](CTRL_REG4 ST bit=0). 1LSb=1mg, ±2 g Full-scale.
7.
Output data reach 99% of final value after 1 ms when enabling self-test mode, due to device filtering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com