Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS2DU12 Datasheet (PDF) - STMicroelectronics

LIS2DU12 Datasheet PDF - STMicroelectronics
Part # LIS2DU12
Download  LIS2DU12 Download
File Size   1030.54 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description MEMS digital output motion sensor: advanced ultra-low-power 3-axis accelerometer

LIS2DU12 Datasheet (PDF)

Go To PDF Page Download Datasheet
LIS2DU12 Datasheet PDF - STMicroelectronics

Part # LIS2DU12
Download  LIS2DU12 Click to download

File Size   1030.54 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description MEMS digital output motion sensor: advanced ultra-low-power 3-axis accelerometer

LIS2DU12 Datasheet (HTML) - STMicroelectronics


LIS2DU12 Product details

Features
• Supply voltage range from 1.62 to 3.6 V with independent IO supply
• Ultra-low power consumption
– Normal mode with anti-alias filter: 5.9 μA
– Ultra-low-power mode: 0.45 μA
– One-shot mode: 0.2 μA
– Power-down: 0.02 μA
• Low noise down to 160 μg/√Hz
• ±2g/±4g/±8g/±16g full scales
• ODR from 1.6 Hz to 800 Hz
• Embedded temperature sensor
• Embedded FIFO: up to 512 samples of accelerometer and temperature data in
high resolution or up to 768 samples of acceleration data at low resolution
• High-speed I²C/SPI/MIPI I3CSM digital output interface
• Embedded digital functions (free-fall, wake-up, single/double-tap recognition,
activity/inactivity, 6D/4D orientation)
• Self-test
• Small package: 2.0 x 2.0 x 0.74 (max) mm LGA 12-lead
• 10000 g high shock survivability
• ECOPACK, RoHS and “Green” compliant

Description
The LIS2DU12 is an ultra-low-power three-axis linear accelerometer embedding
advanced digital functions.
The LIS2DU12 has user-selectable full scales of ±2g/±4g/±8g/±16g and is capable of
measuring accelerations with output data rates from 1.6 Hz to 800 Hz.
The LIS2DU12 has an integrated 128-level FIFO buffer allowing to store a wide
range of data, reducing system power consumption.
The embedded self-test capability allows the user to check that the sensor works in
the final application.

Applications
• Motion detection for wearables
• Gesture recognition and gaming
• Motion-activated functions and user interfaces
• Display orientation
• Tap/double-tap recognition
• Free-fall detection
• Smart power saving for handheld devices
• Hearing aids and portable healthcare devices
• Wireless sensor nodes
• Motion-enabled metering devices




Similar Part No. - LIS2DU12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS2DUX12 STMICROELECTRONICS-LIS2DUX12 Datasheet
2Mb / 102P
Ultralow-power accelerometer with AI & anti-aliasing
09-Nov-2022
LIS2DUX12TR STMICROELECTRONICS-LIS2DUX12TR Datasheet
2Mb / 102P
Ultralow-power accelerometer with AI & anti-aliasing
09-Nov-2022
LIS2DUXS12 STMICROELECTRONICS-LIS2DUXS12 Datasheet
3Mb / 104P
Ultralow-power accelerometer with Qvar, AI, & anti-aliasing
09-Nov-2022
LIS2DUXS12TR STMICROELECTRONICS-LIS2DUXS12TR Datasheet
1,023Kb / 11P
NFC dynamic tag sensor and processing node evaluation board
09-Nov-2022
LIS2DUXS12TR STMICROELECTRONICS-LIS2DUXS12TR Datasheet
3Mb / 104P
Ultralow-power accelerometer with Qvar, AI, & anti-aliasing
09-Nov-2022
More results


Similar Description - LIS2DU12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
H3LIS331DL STMICROELECTRONICS-H3LIS331DL Datasheet
796Kb / 38P
MEMS motion sensor: low-power high-g 3-axis digital accelerometer
16-Jul-2013
A3G4250DTR STMICROELECTRONICS-A3G4250DTR Datasheet
1Mb / 44P
MEMS motion sensor: 3-axis digital output gyroscope
14-Feb-2012
LIS3DSHTR STMICROELECTRONICS-LIS3DSHTR Datasheet
1Mb / 53P
MEMS digital output motion sensor ultra low-power high performance three-axis ?쐍ano??accelerometer
26-Oct-2011
H3LIS200DL STMICROELECTRONICS-H3LIS200DL Datasheet
665Kb / 38P
MEMS motion sensor: low-power high-g 3-axis digital accelerometer
21-Apr-2015
LIS2DE12 STMICROELECTRONICS-LIS2DE12 Datasheet
1Mb / 51P
MEMS digital output motion sensor: ultra-low-power high-performance 3-axis
27-Jan-2017
LIS2DW12 STMICROELECTRONICS-LIS2DW12 Datasheet
1Mb / 66P
MEMS digital output motion sensor: high-performance ultra-low-power 3-axis
Jul-2019
IIS2DLPC STMICROELECTRONICS-IIS2DLPC Datasheet
1Mb / 69P
MEMS digital output motion sensor: high-performance ultra-low-power 3-axis accelerometer for industrial applications
03-May-2019
AIS2DW12 STMICROELECTRONICS-AIS2DW12 Datasheet
1Mb / 60P
MEMS digital output motion sensor: ultra-low-power 3-axis accelerometer for automotive applications
20-Jun-2019
LIS2DW STMICROELECTRONICS-LIS2DW Datasheet
1Mb / 63P
MEMS digital output motion sensor: high-performance, ultra-low-power 3-axis
10-Apr-2020
LIS3DHH STMICROELECTRONICS-LIS3DHH Datasheet
641Kb / 29P
MEMS motion sensor three-axis digital output accelerometer
11-Oct-2017
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com