Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS2DU12 Datasheet(PDF) 5 Page - STMicroelectronics

Part # LIS2DU12
Description  MEMS digital output motion sensor: advanced ultra-low-power 3-axis accelerometer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DU12 Datasheet(HTML) 5 Page - STMicroelectronics

  LIS2DU12 Datasheet HTML 1Page - STMicroelectronics LIS2DU12 Datasheet HTML 2Page - STMicroelectronics LIS2DU12 Datasheet HTML 3Page - STMicroelectronics LIS2DU12 Datasheet HTML 4Page - STMicroelectronics LIS2DU12 Datasheet HTML 5Page - STMicroelectronics LIS2DU12 Datasheet HTML 6Page - STMicroelectronics LIS2DU12 Datasheet HTML 7Page - STMicroelectronics LIS2DU12 Datasheet HTML 8Page - STMicroelectronics LIS2DU12 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
2
Mechanical and electrical specifications
2.1
Mechanical characteristics
@ Vdd = 1.8 V, T = 25 °C unless otherwise noted.
The product is factory calibrated at 1.8 V. The operational power supply range is from 1.62 V to 3.6 V.
Table 2. Mechanical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.(1)
Max.
Unit
FS
Measurement range
±2
g
±4
±8
±16
So
Sensitivity
@ FS ±2 g
0.976
mg/digit
@ FS ±4 g
1.952
@ FS ±8 g
3.904
@ FS ±16 g
7.808
An
Noise density - normal mode
@ FS ±8 g
ODR = 800 Hz, BW = ODR/2
280
µg/√Hz
TyOff
Zero-g level offset accuracy(2)
±30
mg
TCO
Zero-g offset change vs. temperature
±1
mg/°C
TCS
Sensitivity change vs. temperature
±0.035
%/°C
ST
Self-test positive difference
X-axis
320
mg
Y-axis
320
Z-axis
420
1. Typical specifications are not guaranteed.
2. Values after factory calibration test and trimming.
LIS2DU12
Mechanical and electrical specifications
DB4522 - Rev 1
page 5/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com