Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A3G4250DTR Datasheet (PDF) - STMicroelectronics

A3G4250DTR Datasheet PDF - STMicroelectronics
Part # A3G4250DTR
Download  A3G4250DTR Download
File Size   1078.47 Kbytes
Page   44 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description MEMS motion sensor: 3-axis digital output gyroscope

A3G4250DTR Datasheet (PDF)

Go To PDF Page Download Datasheet
A3G4250DTR Datasheet PDF - STMicroelectronics

Part # A3G4250DTR
Download  A3G4250DTR Click to download

File Size   1078.47 Kbytes
Page   44 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description MEMS motion sensor: 3-axis digital output gyroscope

A3G4250DTR Datasheet (HTML) - STMicroelectronics


A3G4250DTR Product details

Description
The A3G4250D is a low-power 3-axis angular rate sensor able to provide unprecedented stability at zero rate level and sensitivity over temperature and time. It includes a sensing element and an IC interface capable of providing the measured angular rate to the external world through a standard SPI digital interface. An I2C-compatible interface is also available.

Features
■ Wide supply voltage: 2.4 V to 3.6 V
■ ±245 dps full scale
■ I2C/SPI digital output interface
■ 16-bit rate value data output
■ 8-bit temperature data output
■ Two digital output lines (interrupt and data ready)
■ Integrated low and high-pass filters with userselectable bandwidth
■ Ultra-stable over temperature and time
■ Low-voltage-compatible IOs (1.8 V)
■ Embedded power-down and sleep mode
■ Embedded temperature sensor
■ Embedded FIFO
■ High shock survivability
■ Extended operating temperature range (-40 °C to +85 °C)
■ ECOPACK® RoHS and “Green” compliant
■ AEC-Q100 qualification

Applications
■ In-dash car navigation
■ Telematics, e-Tolling
■ Motion control with MMI (man-machine interface)
■ Appliances and robotics




Similar Part No. - A3G4250DTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
A3G4250D STMICROELECTRONICS-A3G4250D Datasheet
1Mb / 44P
16-bit rate value data output
14-Feb-2012
More results


Similar Description - A3G4250DTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS331DL STMICROELECTRONICS-LIS331DL_08 Datasheet
647Kb / 42P
MEMS motion sensor 3-axis - ±2g/±8g smart digital output -nano-accelerometer
16-Apr-2008
L3G4200D STMICROELECTRONICS-L3G4200D Datasheet
810Kb / 24P
MEMS motion sensor: three-axis digital output gyroscope
11-Feb-2010
L3G4200D_1012 STMICROELECTRONICS-L3G4200D_1012 Datasheet
1Mb / 42P
MEMS motion sensor: ultra-stable three-axis digital output gyroscope
22-Dec-2010
L3GD20 STMICROELECTRONICS-L3GD20 Datasheet
1Mb / 44P
MEMS motion sensor: three-axis digital output gyroscope
18-Aug-2011
LIS352AR STMICROELECTRONICS-LIS352AR Datasheet
251Kb / 15P
MEMS motion sensor: 3-axis 2 g analog-output
02-Feb-2010
L2G3IS STMICROELECTRONICS-L2G3IS Datasheet
696Kb / 26P
MEMS motion sensor: two-axis digital output gyroscope for optical image stabilization
05-Dec-2013
I3G4250D STMICROELECTRONICS-I3G4250D Datasheet
1Mb / 43P
3-axis digital output gyroscope
21-Apr-2015
L3GD20H STMICROELECTRONICS-L3GD20H Datasheet
2Mb / 52P
MEMS motion sensor: three-axis digital output gyroscope
05-Mar-2013
LIS3DHH STMICROELECTRONICS-LIS3DHH Datasheet
641Kb / 29P
MEMS motion sensor three-axis digital output accelerometer
11-Oct-2017
L3G4IS STMICROELECTRONICS-L3G4IS Datasheet
478Kb / 24P
MEMS motion sensor: three-axis digital output gyroscope for gaming and OIS
22-Dec-2011
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com