Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A3G4250D Datasheet (PDF) - STMicroelectronics

A3G4250D Datasheet PDF - STMicroelectronics
Part # A3G4250D
Download  A3G4250D Download
File Size   1078.47 Kbytes
Page   44 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 16-bit rate value data output

A3G4250D Datasheet (PDF)

Go To PDF Page Download Datasheet
A3G4250D Datasheet PDF - STMicroelectronics

Part # A3G4250D
Download  A3G4250D Click to download

File Size   1078.47 Kbytes
Page   44 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 16-bit rate value data output

A3G4250D Datasheet (HTML) - STMicroelectronics


A3G4250D Product details

Description
The A3G4250D is a low-power 3-axis angular rate sensor able to provide unprecedented stability at zero rate level and sensitivity over temperature and time. It includes a sensing element and an IC interface capable of providing the measured angular rate to the external world through a standard SPI digital interface. An I2C-compatible interface is also available.

Features
■ Wide supply voltage: 2.4 V to 3.6 V
■ ±245 dps full scale
■ I2C/SPI digital output interface
■ 16-bit rate value data output
■ 8-bit temperature data output
■ Two digital output lines (interrupt and data ready)
■ Integrated low and high-pass filters with userselectable bandwidth
■ Ultra-stable over temperature and time
■ Low-voltage-compatible IOs (1.8 V)
■ Embedded power-down and sleep mode
■ Embedded temperature sensor
■ Embedded FIFO
■ High shock survivability
■ Extended operating temperature range (-40 °C to +85 °C)
■ ECOPACK® RoHS and “Green” compliant
■ AEC-Q100 qualification

Applications
■ In-dash car navigation
■ Telematics, e-Tolling
■ Motion control with MMI (man-machine interface)
■ Appliances and robotics




Similar Part No. - A3G4250D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
A3G4250D STMICROELECTRONICS-A3G4250D Datasheet
1Mb / 44P
MEMS motion sensor: 3-axis digital output gyroscope
14-Feb-2012
A3G4250DTR STMICROELECTRONICS-A3G4250DTR Datasheet
1Mb / 44P
MEMS motion sensor: 3-axis digital output gyroscope
14-Feb-2012
More results


Similar Description - A3G4250D

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M13S64164A ESMT-M13S64164A Datasheet
1Mb / 49P
1M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S128168A ESMT-M13S128168A Datasheet
1Mb / 49P
2M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S2561616A ESMT-M13S2561616A Datasheet
1Mb / 48P
4M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S64164A ESMT-M13S64164A_09 Datasheet
1Mb / 48P
1M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S64164A ESMT-M13S64164A_1 Datasheet
1Mb / 49P
1M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S128168A ESMT-M13S128168A_08 Datasheet
1Mb / 49P
2M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S128168A ESMT-M13S128168A_1 Datasheet
1Mb / 49P
2M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S2561616A ESMT-M13S2561616A_09 Datasheet
1Mb / 49P
4M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S2561616A ESMT-M13S2561616A_1 Datasheet
1Mb / 49P
4M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S5121632A ESMT-M13S5121632A Datasheet
971Kb / 47P
8M x 16 Bit x 4 Banks Double Data Rate SDRAM
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com