Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS2DUXS12 Datasheet (PDF) - STMicroelectronics

LIS2DUXS12 Datasheet PDF - STMicroelectronics
Part # LIS2DUXS12
Download  LIS2DUXS12 Download
File Size   3091.19 Kbytes
Page   104 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Ultralow-power accelerometer with Qvar, AI, & anti-aliasing

LIS2DUXS12 Datasheet (PDF)

Go To PDF Page Download Datasheet
LIS2DUXS12 Datasheet PDF - STMicroelectronics

Part # LIS2DUXS12
Download  LIS2DUXS12 Click to download

File Size   3091.19 Kbytes
Page   104 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Ultralow-power accelerometer with Qvar, AI, & anti-aliasing

LIS2DUXS12 Datasheet (HTML) - STMicroelectronics


LIS2DUXS12 Product details

Features
• Supply voltage range from 1.62 V to 3.6 V
– Independent IO supply (1.62 V to 3.6 V) for I²C and SPI interfaces
– Independent IO supply (extended range: 1.08 V to 3.6 V) for MIPI I3C®
interface
• Four operating power modes
• Ultralow power consumption
– High-performance mode with anti-aliasing filter: 10.8 μA
– Low-power mode with anti-aliasing filter: 6.2 μA
– Ultralow-power mode: 2.7 μA
– Power-down: 0.01 μA
• Low noise down to 220 μg/√Hz
• ±2g/±4g/±8g/±16g programmable full-scale
• ODR from 1.6 Hz to 800 Hz
• Embedded machine learning core
• Programmable finite state machine
• Integrated analog hub / Qvar sensing channel
• Adaptive self-configuration (ASC) based on the sensor processing output
(FSM / MLC)
• Embedded temperature sensor
• Embedded FIFO: up to 512 samples of accelerometer and temperature data in
high resolution or up to 768 samples of acceleration data at low resolution
• High-speed I²C/SPI/MIPI I3C® digital output interface
• Embedded digital functions (free-fall, wake-up, single/double/triple-tap
recognition, activity/inactivity, 6D/4D orientation)
• Advanced pedometer, step detector and step counter
• Significant motion detection, tilt detection
• Self-test
• Small package: 2.0 x 2.0 x 0.74 (max) mm LGA 12-lead
• 10000 g high shock survivability
• ECOPACK and RoHS compliant

Applications
• Wearable devices (wristband and smart watches)
• Game controllers
• Hearing aids and portable healthcare devices
• True wireless stereo
• Wireless sensor nodes
• Motion-activated user interfaces (screen rotation, tap, double tap)
• Asset trackers

Description
The LIS2DUXS12 is a smart, digital, 3-axis linear accelerometer whose MEMS and ASIC have been expressly
designed to combine the lowest current consumption possible with features such as always-on anti-aliasing
filtering, a finite state machine (FSM) and machine learning core (MLC) with adaptive self-configuration (ASC),
and an analog hub / Qvar sensing channel.
The FSM and MLC with ASC deliver outstanding always-on, edge processing capabilities to the LIS2DUXS12,
while the analog hub / Qvar sensing channel defines a new degree of system optimization. The LIS2DUXS12
MIPI I3C® slave interface and embedded 128-level FIFO buffer complete a set of features that make this
accelerometer a reference in terms of system integration from a standpoint of the bill of materials, processing, or
power consumption.
The LIS2DUXS12 has user-selectable full scales of ±2g/±4g/±8g/±16g and is capable of measuring accelerations
with output data rates from 1.6 Hz to 800 Hz.
The LIS2DUXS12 has a dedicated internal engine to process motion and acceleration detection including free-fall,
wake-up, single/double/triple-tap recognition, activity/inactivity, and 6D/4D orientation.
The LIS2DUXS12 is available in a small thin plastic land grid array package (LGA) and it is guaranteed to operate
over an extended temperature range from -40°C to +85 °C.




Similar Part No. - LIS2DUXS12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS2DUXS12TR STMICROELECTRONICS-LIS2DUXS12TR Datasheet
1,023Kb / 11P
NFC dynamic tag sensor and processing node evaluation board
09-Nov-2022
More results


Similar Description - LIS2DUXS12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7469 MAXIM-MAX7469 Datasheet
803Kb / 17P
HDTV Continuously Variable Anti-Aliasing Filters
Rev 0; 5/06
logo
Minilogic Device Corpor...
MAX7472 MINILOGIC-MAX7472 Datasheet
277Kb / 19P
HDTV Anti-Aliasing Filters with Triple-Input Mux
logo
KR Electronics, Inc.
2403 KR-2403 Datasheet
25Kb / 2P
HDTV ANTI-ALIASING FILTER
2404 KR-2404 Datasheet
25Kb / 2P
HDTV ANTI-ALIASING FILTER
2405 KR-2405 Datasheet
24Kb / 2P
HDTV ANTI-ALIASING FILTER
logo
Maxim Integrated Produc...
MAX7469 MAXIM-MAX7469_07 Datasheet
289Kb / 17P
HDTV Continuously Variable Anti-Aliasing Filters
19-0548; Rev 1; 4/07
logo
Hittite Microwave Corpo...
HMC1023LP5E HITTITE-HMC1023LP5E Datasheet
2Mb / 30P
Anti-aliasing and reconstruction filters
logo
Faraday Technology
FHS1350F FARADAY-FHS1350F Datasheet
92Kb / 2P
PRE A-D ANTI-ALIASING FILTER
FL1311 FARADAY-FL1311 Datasheet
13Kb / 2P
ANTI-ALIASING PRE FILTER
logo
STMicroelectronics
LIS2DUX12 STMICROELECTRONICS-LIS2DUX12 Datasheet
2Mb / 102P
Ultralow-power accelerometer with AI & anti-aliasing
09-Nov-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com