Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS2DUXS12 Datasheet(PDF) 7 Page - STMicroelectronics

Part # LIS2DUXS12
Description  Ultralow-power accelerometer with Qvar, AI, & anti-aliasing
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DUXS12 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button LIS2DUXS12 Datasheet HTML 3Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 4Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 5Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 6Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 7Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 8Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 9Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 10Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 104 page
background image
Table 4. Electrical parameters of Qvar (@Vdd = 1.8 V, T = 25 °C)
Parameter
Test conditions
Typ.(1)
Unit
Current consumption
Accelerometer on
High-performance mode
FS = ±8 g
ODR = all ODRs
BW = ODR/2 with anti-aliasing filter
14.7
μA
Offset
Gain = 2
±30
mV
Noise
Gain = 2
430
µVRMS
Qvar gain
Gain = 1, 12 bits
4.65
LSB/mV
Gain = 1, 16 bits
74.4
CMRR
Input 30 Hz, 0.1 V
60
dB
Input impedance
AH_QVAR_C_ZIN_[1:0] = 00
520
MΩ
AH_QVAR_C_ZIN_[1:0] = 01
175
AH_QVAR_C_ZIN_[1:0] = 10
310
AH_QVAR_C_ZIN_[1:0] = 11
75
Input range
Gain = 1
±400
mV
Gain = 4
±100
1. Vdd_IO = 1.8 V. Typical values are based on characterization and are not guaranteed.
2.3
Temperature sensor characteristics
@ Vdd = 1.8 V, T = 25 °C unless otherwise noted.
Table 5. Temperature sensor characteristics
Symbol
Parameter
Min.
Typ.(1)
Max.
Unit
Top
Operating temperature range
-40
+85
°C
Toff
Temperature offset(2)
-15
+15
°C
TSDr
Temperature sensor output change vs. temperature
0.045(3)
°C/LSB
TODR
Temperature refresh rate
ODR
Hz
1. Typical specifications are not guaranteed.
2. The output of the temperature sensor is 0 LSB (typ.) at 25 °C.
3. 12-bit resolution.
LIS2DUXS12
Temperature sensor characteristics
DS14035 - Rev 2
page 7/104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com