Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS2DUXS12 Datasheet(PDF) 19 Page - STMicroelectronics

Part # LIS2DUXS12
Description  Ultralow-power accelerometer with Qvar, AI, & anti-aliasing
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DUXS12 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button LIS2DUXS12 Datasheet HTML 15Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 16Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 17Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 18Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 19Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 20Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 21Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 22Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 104 page
background image
4.1.1
Power-up command
The power-up command allows the LIS2DUXS12 to transition from deep power-down to soft power-down. It
differs if either the I²C/I3C interface or the SPI interface is used. See Section 6 for more details on the digital
interfaces.
4.1.1.1
I²C/I3C interfaces
If the I²C or I3C interfaces are used, the following sequence should be provided to the device:
•
ST/SR+ STATIC ADDRESS+R/W (both R and W sequences are supported)
The device generates a NACK and starts power-up. The operation takes 25 ms (maximum) and once completed
LIS2DUXS12 is in the SOFT_PD state. It is possible to verify the correct transition in the soft power-down state
providing again the power-up command (ST/SR+ STATIC ADDRESS+R/W) and checking the ACK generation
from the device.
To guarantee the current execution of the power-up command, the I²C/I3C master should operate at open-drain
speed using I²C fast mode plus reference timing.
In the LIS2DUXS12 if the bus is at 1.2 V and the device is in deep power-down, the master should use I²C fast
mode timing instead of I²C fast mode plus to perform the power-up command. Once the device is awake, the soft
power-down rules apply in the same way as the other voltages.
If the I3C interface is used, a dynamic address should be assigned before starting device configuration. Once the
DAA procedure is performed, the dynamic address is stored inside the device and it is maintained if the device
returns to the deep power-down state. In this event, no other DAA procedures are needed and the power-up
commands can be executed directly using the dynamic address.
4.1.1.2
SPI interface
If the SPI interface is used, the LIS2DUXS12 can move from deep power-down to soft power-down by writing
the bit SOFT_PD of IF_WAKE_UP (3Eh) to 1. The device starts the power-up and this operation takes 25 ms
(maximum). In order to verify that device has correctly completed the transition to soft power-down, the who_am_I
value (expected to be equal to 47h) can be checked by reading register WHO_AM_I (0Fh).
Note:
When the power-up command is performed using the SPI interface, the I²C and the I3C interfaces are
automatically disabled as soon as the device exits deep power-down condition. They are automatically re-
enabled after a deep power-off command is executed.
4.1.2
Soft power-off command
When the LIS2DUXS12 is configured in one of the four operating modes, it is possible to switch to the soft
power-down condition, writing the ODR[3:0] bits in register CTRL5 (14h) to 0000.
4.1.3
Deep power-off command
When device is in soft power-down or it is configured in one of the four operating modes, it is possible to switch to
the deep power-down condition, writing the bit DEEP_PD in register SLEEP (3Dh) to 1. When a transition to deep
power-down occurs, all the registers are reset to their default value and a new power-up command and device
configuration need to be done.
LIS2DUXS12
Power-up sequence
DS14035 - Rev 2
page 19/104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com