Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS2DUXS12 Datasheet(PDF) 65 Page - STMicroelectronics

Part # LIS2DUXS12
Description  Ultralow-power accelerometer with Qvar, AI, & anti-aliasing
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DUXS12 Datasheet(HTML) 65 Page - STMicroelectronics

Back Button LIS2DUXS12 Datasheet HTML 61Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 62Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 63Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 64Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 65Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 66Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 67Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 68Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 104 page
background image
Name
Type
Register address
Default
Comment
Hex
Binary
FSM_OUTS6
R
25
00100101
output
FSM_OUTS7
R
26
00100110
output
FSM_OUTS8
R
27
00100111
output
STEP_COUNTER_L
R
28
00101000
output
STEP_COUNTER_H
R
29
00101001
output
EMB_FUNC_SRC
R
2A
00101010
output
RESERVED
-
2B
EMB_FUNC_INIT_A
R/W
2C
00101100
00000000
EMB_FUNC_INIT_B
R/W
2D
00101101
00000000
RESERVED
-
2E-33
MLC1_SRC
R
34
00110100
output
MLC2_SRC
R
35
00110101
output
MLC3_SRC
R
36
00110110
output
MLC4_SRC
R
37
00110111
output
FSM_ODR
R/W
39
00111001
01001000
MLC_ODR
R/W
3A
00111010
00010001
Reserved registers must not be changed. Writing to those registers may cause permanent damage to the device.
The content of the registers that are loaded at boot should not be changed. They contain the factory calibration
values. Their content is automatically restored when the device is powered up.
LIS2DUXS12
Embedded functions register mapping
DS14035 - Rev 2
page 65/104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com