Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS2DUXS12 Datasheet(PDF) 12 Page - STMicroelectronics

Part # LIS2DUXS12
Description  Ultralow-power accelerometer with Qvar, AI, & anti-aliasing
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DUXS12 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button LIS2DUXS12 Datasheet HTML 8Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 9Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 10Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 11Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 12Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 13Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 14Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 15Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 104 page
background image
3
Terminology and functionality
3.1
Terminology
3.1.1
Sensitivity
Sensitivity describes the gain of the sensor and can be determined by applying 1 g acceleration to it. As the
sensor can measure DC accelerations this can be done easily by pointing the axis of interest towards the center
of the Earth, noting the output value, rotating the sensor by 180 degrees (pointing to the sky) and noting the
output value again. By doing so, ±1 g acceleration is applied to the sensor. Subtracting the larger output value
from the smaller one, and dividing the result by 2, leads to the actual sensitivity of the sensor. This value changes
very little over temperature and time. The sensitivity tolerance describes the range of sensitivities of a large
population of sensors.
3.1.2
Zero-g level offset
Zero-g level offset describes the deviation of an actual output signal from the ideal output signal if no acceleration
is present. A sensor in a steady state on a horizontal surface measures 0 g on the X-axis and 0 g on the Y-axis
whereas the Z-axis measures 1 g. The output is ideally in the middle of the dynamic range of the sensor (content
of OUT registers 00h, data expressed as two’s complement number). A deviation from ideal value in this case is
called zero-g level offset. Offset is to some extent a result of stress to the MEMS sensor and therefore the offset
can slightly change after mounting the sensor onto a printed circuit board or exposing it to extensive mechanical
stress. Offset changes little over temperature, see “Zero-g level offset change vs. temperature”.
3.2
Functionality
3.2.1
Operating modes
The LIS2DUXS12 has 4 operating modes: high-performance, low-power, ultralow-power and one-shot mode.
In low-power mode, an aggressive anti-aliasing filter is active, but the overall current consumption remains
extraordinarily low (refer to Table 3).
3.2.2
One-shot modes
The device features two one-shot modes: one-shot triggered by the INT2 pin, and one-shot triggered by the
I²C/SPI/I3C digital interface.
3.2.3
Self-test
Self-test mode allows checking the sensor functionality without moving it, applying an actuation force to the
sensor and simulating a definite input acceleration.
LIS2DUXS12
Terminology and functionality
DS14035 - Rev 2
page 12/104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com