Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS2DUXS12 Datasheet(PDF) 20 Page - STMicroelectronics

Part # LIS2DUXS12
Description  Ultralow-power accelerometer with Qvar, AI, & anti-aliasing
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DUXS12 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button LIS2DUXS12 Datasheet HTML 16Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 17Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 18Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 19Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 20Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 21Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 22Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 23Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 104 page
background image
5
Digital main blocks and embedded low-power features
The LIS2DUXS12 has been designed to be fully compliant with Android, featuring the following on-chip functions:
•
FIFO data buffering
–
100% efficiency with flexible configurations and partitioning
–
Possibility to store timestamp
•
Event-detection interrupts (fully configurable)
–
Free-fall
–
Wake-up
–
6D/4D orientation
–
Single/double/triple-tap detection
–
Activity/inactivity recognition
–
Stationary/motion detection
•
Specific IP blocks (called "embedded functions") with negligible power consumption and high-performance
–
Pedometer functions: step detector and step counters
–
Tilt
–
Significant motion detection
–
Finite state machine (FSM)
–
Machine learning core (MLC) with exportable features and filters for AI applications
•
Qvar: electric charge variation detection
5.1
FIFO
The LIS2DUXS12 embeds 128 slots of 7 bytes each (1 byte TAG + 6 bytes DATA). This allows consistent power
saving for the system, since the host processor does not need to continuously poll data from the sensor, but it can
wake up only when needed and burst the significant data out from the FIFO.
FIFO is designed in order to allow the batching of different kinds of sensors. It is possible to store in FIFO the data
of the accelerometer, temperature and analog hub / Qvar physical sensors and the data of virtual sensors like the
step counter, the MLC features / filters / results and FSM results.
The reconstruction of a FIFO stream is a simple task thanks to the FIFO_DATA_OUT_TAG byte that allows
recognizing the meaning of a word in FIFO.
The applications have maximum flexibility in choosing the rate of batching for physical sensors with FIFO
dedicated configurations.
FIFO allows correctly reconstructing the timestamp information for each sensor stored in FIFO. Also, if a change
in the ODR or BDR (batch data rate) configuration is performed, the application can correctly reconstruct the
timestamp and know exactly when the change was applied in a FIFO stream without disabling FIFO batching.
FIFO stores information of the new configuration and timestamp in which the change was applied in the device.
In order to maximize the amount of data collected in FIFO, it is possible to double the slots of FIFO data (from 128
to 256) by writing the FIFO_DEPTH bit to 1 in FIFO_CTRL (15h) with 2x depth mode. When this mode is enabled,
the most significant 8 bits for each acceleration data are stored in FIFO. Each FIFO data word contains data of
two consecutive ODRs, the actual and the previous one.
In high-resolution batch mode, accelerometer and temperature (and analog hub / Qvar) data are stored in FIFO in
12-bit format at the ODR rate.
In 2x depth batch mode, each FIFO word contains two accelerometer data in 8-bit format at the ODR/2 rate.
It is possible to avoid storing the temperature/AH/Qvar data in FIFO by setting the XL_ONLY_FIFO bit in
FIFO_WTM (16h) register to 1. In this case, the accelerometer data are stored in FIFO as 16-bit format at
the ODR rate.
LIS2DUXS12
Digital main blocks and embedded low-power features
DS14035 - Rev 2
page 20/104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com