Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS2DUXS12 Datasheet(PDF) 42 Page - STMicroelectronics

Part # LIS2DUXS12
Description  Ultralow-power accelerometer with Qvar, AI, & anti-aliasing
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DUXS12 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button LIS2DUXS12 Datasheet HTML 38Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 39Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 40Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 41Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 42Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 43Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 44Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 45Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 104 page
background image
8.8
CTRL5 (14h)
R/W
Table 34. CTRL5 register
ODR3
ODR2
ODR1
ODR0
BW1
BW0
FS1
FS0
Table 35. CTRL5 register description
ODR[3:0] ODR selection, see Table 36.
BW[1:0]
Selects the device bandwidth which is dependent on the ODR selected. In high-performance mode (all ODR
values) and in low-power mode for ODR ≥50 Hz, the available bandwidths are:
ODR/2 (BW[1:0] = 00);
ODR/4 (BW[1:0] = 01);
ODR/8 (BW[1:0] = 10);
ODR/16 (BW[1:0] = 11).
In low-power mode for ODR < 50 Hz, refer to Table 37.
FS[1:0]
Sets the full scale, see Table 38.
Table 36. Operating modes
ODR[3:0]
Operating mode
0000
Power-down
0001
1.6 Hz in ultralow-power
0010
3 Hz in ultralow-power
0011
25 Hz in ultralow-power
0100
6 Hz
0101
12.5 Hz
0110
25 Hz
0111
50 Hz
1000
100 Hz
1001
200 Hz
1010
400 Hz
1011
800 Hz
1110
One-shot using the INT2 pin
1111
One-shot using the interface
LIS2DUXS12
CTRL5 (14h)
DS14035 - Rev 2
page 42/104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com