Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS2DUXS12 Datasheet(PDF) 44 Page - STMicroelectronics

Part # LIS2DUXS12
Description  Ultralow-power accelerometer with Qvar, AI, & anti-aliasing
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DUXS12 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button LIS2DUXS12 Datasheet HTML 40Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 41Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 42Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 43Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 44Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 45Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 46Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 47Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 104 page
background image
8.9
FIFO_CTRL (15h)
R/W
CFG_CHG_EN
FIFO_
DEPTH
0(1)
0(1)
STOP_ON
_FTH
FIFO_MODE2
FIFO_MODE1
FIFO_MODE0
1. This bit must be set to 0 for the correct operation of the device.
Table 39. FIFO_CTRL register description
CFG_CHG_EN
Enables batching in FIFO of the device configuration and timestamp value when the ODR (output data
rate) or the BDR (batch data rate) changes. Default value: 0
(0: disabled; 1: enabled)
FIFO_DEPTH
If 1, enables 2x depth mode for FIFO buffer.
STOP_ON_FTH
Sensing chain FIFO stop values memorization at threshold level.
(0: FIFO depth is not limited (default);
1: FIFO depth is limited to threshold level)
FIFO_MODE[2:0](1) Different FIFO modes are enabled as shown in Table 40.
1. User must set the FIFO_EN bit to 1 in the CTRL4 (13h) register before setting the FIFO_MODE[2:0] bits.
Table 40. Selection of FIFO mode
FIFO_MODE2 FIFO_MODE1 FIFO_MODE0
Mode
0
0
0
Bypass mode
0
0
1
FIFO mode: stops collecting data when FIFO is full
0
1
0
Reserved
0
1
1
Continuous-to-FIFO: stream mode until trigger is deasserted, then FIFO
mode
1
0
0
Bypass-to-continuous: bypass mode until trigger is deasserted, then
continuous mode
1
0
1
Reserved
1
1
0
Continuous mode: if the FIFO is full, the new sample overwrites the older
sample.
1
1
1
Bypass-to-FIFO: bypass mode until trigger is deasserted, then FIFO mode
LIS2DUXS12
FIFO_CTRL (15h)
DS14035 - Rev 2
page 44/104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com