Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS2DUXS12 Datasheet(PDF) 34 Page - STMicroelectronics

Part # LIS2DUXS12
Description  Ultralow-power accelerometer with Qvar, AI, & anti-aliasing
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DUXS12 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button LIS2DUXS12 Datasheet HTML 30Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 31Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 32Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 33Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 34Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 35Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 36Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 37Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 104 page
background image
6.3.2
MIPI I3C® CCC supported commands
The list of MIPI I3C® CCC commands supported by the device is detailed in the following table.
Table 18. MIPI I3C® CCC commands
Command
Command code
Default
Description
ENTDAA
0x07
DAA procedure
SETDASA
0x87
Assign dynamic address using static address.
Static address values are 0x18 / 0x19 depending on SDO pin.
ENEC
0x80 / 0x00
Slave activity control (direct and broadcast)
DISEC
0x81/ 0x01
Slave activity control (direct and broadcast)
ENTAS0
0x82 / 0x02
Enter activity state (direct and broadcast)
RSTDAA
0x86(1) / 0x06
Reset the assigned dynamic address (direct(1) and broadcast)
SETMWL
0x89 / 0x08
Define maximum write length during private write (direct and broadcast)
SETMRL
0x8A / 0x09
Define maximum read length during private read (direct and broadcast)
SETNEWDA
0x88
Change dynamic address
GETMWL
0x8B
0x00
0x08
(2 byte)
Get maximum write length during private write
GETMRL
0x8C
0x00
0x10
0x08
(3 byte)
Get maximum read length during private read
GETPID
0x8D
0x02
0x08
0x00
0x47
0x92
0x0B
SDO = 1
0x02
0x08
0x00
0x47
0x12
0x0B
SDO = 0
GETBCR
0x8E
0x0F
(1 byte)
Bus characteristics register
GETDCR
0x8F
0x41 default MIPI I3C® device characteristics register
GETSTATUS
0x90
0x00
0x00
(2 byte)
Status register
GETMXDS
0x94
0x08
0x60
(2 byte)
Return max data speed
SETGRPA
0x9B
Group address assignment
LIS2DUXS12
MIPI I3C® interface
DS14035 - Rev 2
page 34/104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com