Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS2DUXS12 Datasheet(PDF) 77 Page - STMicroelectronics

Part # LIS2DUXS12
Description  Ultralow-power accelerometer with Qvar, AI, & anti-aliasing
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DUXS12 Datasheet(HTML) 77 Page - STMicroelectronics

Back Button LIS2DUXS12 Datasheet HTML 73Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 74Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 75Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 76Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 77Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 78Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 79Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 80Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 104 page
background image
10.21
FSM_OUTS1 (20h)
FSM1 output register (R)
Table 176. FSM_OUTS1 register
P_X
N_X
P_Y
N_Y
P_Z
N_Z
P_V
N_V
Table 177. FSM_OUTS1 register description
P_X
FSM1 output: positive event detected on the X-axis. (0: event not detected; 1: event detected)
N_X
FSM1 output: negative event detected on the X-axis. (0: event not detected; 1: event detected)
P_Y
FSM1 output: positive event detected on the Y-axis. (0: event not detected; 1: event detected)
N_Y
FSM1 output: negative event detected on the Y-axis. (0: event not detected; 1: event detected)
P_Z
FSM1 output: positive event detected on the Z-axis. (0: event not detected; 1: event detected)
N_Z
FSM1 output: negative event detected on the Z-axis. (0: event not detected; 1: event detected)
P_V
FSM1 output: positive event detected on the vector. (0: event not detected; 1: event detected)
N_V
FSM1 output: negative event detected on the vector. (0: event not detected; 1: event detected)
10.22
FSM_OUTS2 (21h)
FSM2 output register (R)
Table 178. FSM_OUTS2 register
P_X
N_X
P_Y
N_Y
P_Z
N_Z
P_V
N_V
Table 179. FSM_OUTS2 register description
P_X
FSM2 output: positive event detected on the X-axis. (0: event not detected; 1: event detected)
N_X
FSM2 output: negative event detected on the X-axis. (0: event not detected; 1: event detected)
P_Y
FSM2 output: positive event detected on the Y-axis. (0: event not detected; 1: event detected)
N_Y
FSM2 output: negative event detected on the Y-axis. (0: event not detected; 1: event detected)
P_Z
FSM2 output: positive event detected on the Z-axis. (0: event not detected; 1: event detected)
N_Z
FSM2 output: negative event detected on the Z-axis. (0: event not detected; 1: event detected)
P_V
FSM2 output: positive event detected on the vector. (0: event not detected; 1: event detected)
N_V
FSM2 output: negative event detected on the vector. (0: event not detected; 1: event detected)
LIS2DUXS12
FSM_OUTS1 (20h)
DS14035 - Rev 2
page 77/104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com