Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS2DUXS12 Datasheet(PDF) 40 Page - STMicroelectronics

Part # LIS2DUXS12
Description  Ultralow-power accelerometer with Qvar, AI, & anti-aliasing
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DUXS12 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button LIS2DUXS12 Datasheet HTML 36Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 37Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 38Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 39Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 40Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 41Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 42Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 43Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 104 page
background image
8.5
CTRL2 (11h)
R/W
Table 27. CTRL2 register
INT1_
BOOT
INT1_FIFO
_FULL
INT1_FIFO
_TH
INT1_FIFO
_OVR
INT1_
DRDY
0(1)
0(1)
0(1)
1. This bit must be set to 0 for the correct operation of the device.
Table 28. CTRL2 register description
INT1_BOOT
Enables boot status on INT1 pin. Default value: 0 (0: disabled; 1: enabled)
INT1_FIFO_FULL
Enables FIFO full on INT1 pin. Default value: 0 (0: disabled; 1: enabled)
INT1_FIFO_TH
Enables FIFO threshold interrupt on INT1 pin. Default value: 0 (0: disabled; 1: enabled)
INT1_FIFO_OVR
Enables overrun interrupt on INT1 pin. Default value: 0 (0: disabled; 1: enabled)
INT1_DRDY
Data-ready interrupt on INT1 pin. Default value: 0 (0: disabled; 1: enabled)
8.6
CTRL3 (12h)
R/W
Table 29. CTRL3 register
INT2_
BOOT
INT2_FIFO
_FULL
INT2_FIFO
_TH
INT2_FIFO
_OVR
INT2_
DRDY
HP_EN
ST_SIGN_Y
ST_SIGN_X
Table 30. CTRL3 register description
INT2_BOOT
Enables boot status on INT2 pin. Default value: 0 (0: disabled; 1: enabled)
INT2_FIFO_FULL
Enables FIFO full on INT2 pin. Default value: 0 (0: disabled; 1: enabled)
INT2_FIFO_TH
Enables FIFO threshold interrupt on INT2 pin. Default value: 0 (0: disabled; 1: enabled)
INT2_FIFO_OVR
Enables overrun interrupt on INT2 pin. Default value: 0 (0: disabled; 1: enabled)
INT2_DRDY
Data-ready interrupt on INT2 pin. Default value: 0 (0: disabled; 1: enabled)
HP_EN
Enables high-performance mode. Default value: 0
(0: low-power mode; 1: high-performance mode)
ST_SIGN_Y
Configures the sign of the self-test for the Y-axis. Default value: 0
ST_SIGN_X
Configures the sign of the self-test for the X-axis. Default value: 0
LIS2DUXS12
CTRL2 (11h)
DS14035 - Rev 2
page 40/104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com