Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS2DUXS12 Datasheet(PDF) 2 Page - STMicroelectronics

Part # LIS2DUXS12
Description  Ultralow-power accelerometer with Qvar, AI, & anti-aliasing
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DUXS12 Datasheet(HTML) 2 Page - STMicroelectronics

  LIS2DUXS12 Datasheet HTML 1Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 2Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 3Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 4Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 5Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 6Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 7Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 8Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 104 page
background image
Description
The LIS2DUXS12 is a smart, digital, 3-axis linear accelerometer whose MEMS and ASIC have been expressly
designed to combine the lowest current consumption possible with features such as always-on anti-aliasing
filtering, a finite state machine (FSM) and machine learning core (MLC) with adaptive self-configuration (ASC),
and an analog hub / Qvar sensing channel.
The FSM and MLC with ASC deliver outstanding always-on, edge processing capabilities to the LIS2DUXS12,
while the analog hub / Qvar sensing channel defines a new degree of system optimization. The LIS2DUXS12
MIPI I3C® slave interface and embedded 128-level FIFO buffer complete a set of features that make this
accelerometer a reference in terms of system integration from a standpoint of the bill of materials, processing, or
power consumption.
The LIS2DUXS12 has user-selectable full scales of ±2g/±4g/±8g/±16g and is capable of measuring accelerations
with output data rates from 1.6 Hz to 800 Hz.
The LIS2DUXS12 has a dedicated internal engine to process motion and acceleration detection including free-fall,
wake-up, single/double/triple-tap recognition, activity/inactivity, and 6D/4D orientation.
The LIS2DUXS12 is available in a small thin plastic land grid array package (LGA) and it is guaranteed to operate
over an extended temperature range from -40°C to +85 °C.
LIS2DUXS12
DS14035 - Rev 2
page 2/104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com