Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS2DUXS12 Datasheet(PDF) 4 Page - STMicroelectronics

Part # LIS2DUXS12
Description  Ultralow-power accelerometer with Qvar, AI, & anti-aliasing
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DUXS12 Datasheet(HTML) 4 Page - STMicroelectronics

  LIS2DUXS12 Datasheet HTML 1Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 2Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 3Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 4Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 5Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 6Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 7Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 8Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 104 page
background image
1.2
Pin description
Figure 2. Pin connections
1
9
8
7
2
3
4
6
5
11
12
10
GND
RES
SCL/SPC
CS
SDO/SA0
SDA/SDI/SDO
(TOPVIEW)
DIRECTION OF THE
DETECTABLE
ACCELERATIONS
Y
1
X
Z
Vdd
(BOTTOM VIEW)
Vdd_IO
Table 1. Pin description
Pin#
Name
Function
1
SCL
SPC
I²C/MIPI I3C® serial clock (SCL)
SPI serial port clock (SPC)
2(1)
CS
SPI/I²C/MIPI I3C® mode selection
(1: SPI idle mode / I²C/MIPI I3C® enabled;
0: SPI enabled / I²C/MIPI I3C® disabled)
3(2)
SDO
SA0
SPI serial data output (SDO)
I²C less significant bit of the device address (SA0)
4(2)
SDA
SDI
SDO
I²C/MIPI I3C® serial data (SDA)
SPI serial data input (SDI)
3-wire interface serial data output (SDO)
5
NC
Internally not connected. Can be tied to Vdd, Vdd_IO, or GND.
6
GND
0 V supply
7
RES
Connect to GND if not used as interrupt pin 1(3)
8
GND
0 V supply
9
Vdd
Power supply
10
Vdd_IO Power supply for I/O pins
11(4)
INT2
Interrupt pin 2. Clock input when selected in one-shot mode. AH input 2 (or Qvar electrode 2) is connected if the analog hub (or Qvar
functionality) is enabled.
12(4)
INT1
Interrupt pin 1. AH input 1 (or Qvar electrode 1) is connected if the analog hub (or Qvar functionality) is enabled.
1. The CS pin is internally pulled up by default. The pull-up of the CS pin can be disconnected by setting the bit CS_PU_DIS of
register PIN_CTRL (0Ch) to 1.
2. The internal pull-up of the SDO/SA0 and SDA/SDI/SDO pins is disconnected by default. The pull-up of the SDO/SA0 pin
can be enabled by setting bit SDO_PU_EN of register PIN_CTRL (0Ch) to 1. The pull-up of the SDA/SDI/SDO pin can be
enabled by setting bit SDA_PU_EN of register PIN_CTRL (0Ch) to 1.
3. When the INT1_ON_RES bit of register CTRL1 (10h) is set to 1, the interrupt signals configured on the INT1 pin are routed
to the RES pin.
4. The INT1 and INT2 pins are internally pulled down by default. The internal pull-down of the INT1 pin can be disconnected by
setting the PD_DIS_INT1 bit in PIN_CTRL (0Ch) to 1. The internal pull-down of the INT2 pin can be disconnected by setting
the PD_DIS_INT2 bit in PIN_CTRL (0Ch) to 1.
LIS2DUXS12
Pin description
DS14035 - Rev 2
page 4/104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com