Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS2DUXS12 Datasheet(PDF) 70 Page - STMicroelectronics

Part # LIS2DUXS12
Description  Ultralow-power accelerometer with Qvar, AI, & anti-aliasing
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DUXS12 Datasheet(HTML) 70 Page - STMicroelectronics

Back Button LIS2DUXS12 Datasheet HTML 66Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 67Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 68Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 69Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 70Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 71Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 72Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 73Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 104 page
background image
10.9
MLC_INT1 (0Dh)
INT1 pin control register (R/W)
Each bit in this register enables a signal to be carried over INT1. The pin's output supplies the OR combination of
the selected signals.
Table 150. MLC_INT1 register
0(1)
0(1)
0(1)
0(1)
INT1_MLC4
INT1_MLC3
INT1_MLC2
INT1_MLC1
1. This bit must be set to 0 for the correct operation of the device.
Table 151. MLC_INT1 register description
INT1_MLC4(1)
Enables routing MLC4 interrupt event to INT1. Default value: 0
(0: routing to INT1 disabled; 1: routing to INT1 enabled)
INT1_MLC3(1)
Enables routing MLC3 interrupt event to INT1. Default value: 0
(0: routing to INT1 disabled; 1: routing to INT1 enabled)
INT1_MLC2(1)
Enables routing MLC2 interrupt event to INT1. Default value: 0
(0: routing to INT1 disabled; 1: routing to INT1 enabled)
INT1_MLC1(1)
Enables routing MLC1 interrupt event to INT1. Default value: 0
(0: routing to INT1 disabled; 1: routing to INT1 enabled)
1. This bit is active if the INT1_EMB_FUNC bit of MD1_CFG (1Fh) is set to 1.
10.10
EMB_FUNC_INT2 (0Eh)
INT2 pin control register (R/W)
Each bit in this register enables a signal to be carried over INT2. The pin's output supplies the OR combination of
the selected signals.
Table 152. EMB_FUNC_INT2 register
INT2_
FSM_LC
0(1)
INT2_
SIG_MOT
INT2_TILT
INT2_STEP
_DET
0(1)
0(1)
0(1)
1. This bit must be set to 0 for the correct operation of the device.
Table 153. EMB_FUNC_INT2 register description
INT2_FSM_LC(1)
Enables routing FSM long counter timeout interrupt event to INT2. Default value: 0
(0: routing to INT2 disabled; 1: routing to INT2 enabled)
INT2_SIG_MOT(1)
Enables routing significant motion event to INT2. Default value: 0
(0: routing to INT2 disabled; 1: routing to INT2 enabled)
INT2_TILT(1)
Enables routing tilt event to INT2. Default value: 0
(0: routing to INT2 disabled; 1: routing to INT2 enabled)
INT2_STEP_DETECT(1)
Enables routing pedometer step recognition event to INT2. Default value: 0
(0: routing to INT2 disabled; 1: routing to INT2 enabled)
1. This bit is active if the INT2_EMB_FUNC bit of MD2_CFG (20h) is set to 1.
LIS2DUXS12
MLC_INT1 (0Dh)
DS14035 - Rev 2
page 70/104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com