Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS2DUXS12 Datasheet(PDF) 96 Page - STMicroelectronics

Part # LIS2DUXS12
Description  Ultralow-power accelerometer with Qvar, AI, & anti-aliasing
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DUXS12 Datasheet(HTML) 96 Page - STMicroelectronics

Back Button LIS2DUXS12 Datasheet HTML 92Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 93Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 94Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 95Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 96Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 97Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 98Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 99Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 104 page
background image
8.46
FIFO_BATCH_DEC (47h) ...................................................... 59
8.47
TAP_CFG0 (6Fh) ............................................................. 60
8.48
TAP_CFG1 (70h).............................................................. 60
8.49
TAP_CFG2 (71h).............................................................. 61
8.50
TAP_CFG3 (72h).............................................................. 61
8.51
TAP_CFG4 (73h).............................................................. 61
8.52
TAP_CFG5 (74h).............................................................. 62
8.53
TAP_CFG6 (75h).............................................................. 62
8.54
TIMESTAMP3 (7Ah), TIMESTAMP2 (7Bh), TIMESTAMP1 (7Ch), and TIMESTAMP0 (7Dh) .
............................................................................ 63
9
Embedded functions register mapping ............................................64
10
Embedded functions register description .........................................66
10.1
PAGE_SEL (02h) ............................................................. 66
10.2
EMB_FUNC_EN_A (04h)....................................................... 66
10.3
EMB_FUNC_EN_B (05h)....................................................... 67
10.4
EMB_FUNC_EXEC_STATUS (07h) .............................................. 67
10.5
PAGE_ADDRESS (08h) ........................................................ 67
10.6
PAGE_VALUE (09h) ........................................................... 68
10.7
EMB_FUNC_INT1 (0Ah) ....................................................... 68
10.8
FSM_INT1 (0Bh) .............................................................. 69
10.9
MLC_INT1 (0Dh) .............................................................. 70
10.10 EMB_FUNC_INT2 (0Eh) ....................................................... 70
10.11 FSM_INT2 (0Fh) .............................................................. 71
10.12 MLC_INT2 (11h) .............................................................. 72
10.13 EMB_FUNC_STATUS (12h) .................................................... 72
10.14 FSM_STATUS (13h) ........................................................... 73
10.15 MLC_STATUS (15h) ........................................................... 73
10.16 PAGE_RW (17h) .............................................................. 74
10.17 EMB_FUNC_FIFO_EN (18h) ................................................... 74
10.18 FSM_ENABLE (1Ah) .......................................................... 75
10.19 FSM_LONG_COUNTER_L (1Ch) and FSM_LONG_COUNTER_H (1Dh) .............. 75
10.20 INT_ACK_MASK (1Fh)......................................................... 76
10.21 FSM_OUTS1 (20h) ............................................................ 77
10.22 FSM_OUTS2 (21h) ............................................................ 77
10.23 FSM_OUTS3 (22h) ............................................................ 78
10.24 FSM_OUTS4 (23h) ............................................................ 78
LIS2DUXS12
Contents
DS14035 - Rev 2
page 96/104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com