Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS2DUXS12 Datasheet(PDF) 1 Page - STMicroelectronics

Part # LIS2DUXS12
Description  Ultralow-power accelerometer with Qvar, AI, & anti-aliasing
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DUXS12 Datasheet(HTML) 1 Page - STMicroelectronics

  LIS2DUXS12 Datasheet HTML 1Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 2Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 3Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 4Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 5Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 6Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 7Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 8Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 104 page
background image
Features
•
Supply voltage range from 1.62 V to 3.6 V
–
Independent IO supply (1.62 V to 3.6 V) for I²C and SPI interfaces
–
Independent IO supply (extended range: 1.08 V to 3.6 V) for MIPI I3C®
interface
•
Four operating power modes
•
Ultralow power consumption
–
High-performance mode with anti-aliasing filter: 10.8 µA
–
Low-power mode with anti-aliasing filter: 6.2 µA
–
Ultralow-power mode: 2.7 µA
–
Power-down: 0.01 µA
•
Low noise down to 220 µg/√Hz
•
±2g/±4g/±8g/±16g programmable full-scale
•
ODR from 1.6 Hz to 800 Hz
•
Embedded machine learning core
•
Programmable finite state machine
•
Integrated analog hub / Qvar sensing channel
•
Adaptive self-configuration (ASC) based on the sensor processing output
(FSM / MLC)
•
Embedded temperature sensor
•
Embedded FIFO: up to 512 samples of accelerometer and temperature data in
high resolution or up to 768 samples of acceleration data at low resolution
•
High-speed I²C/SPI/MIPI I3C® digital output interface
•
Embedded digital functions (free-fall, wake-up, single/double/triple-tap
recognition, activity/inactivity, 6D/4D orientation)
•
Advanced pedometer, step detector and step counter
•
Significant motion detection, tilt detection
•
Self-test
•
Small package: 2.0 x 2.0 x 0.74 (max) mm LGA 12-lead
•
10000 g high shock survivability
•
ECOPACK and RoHS compliant
Applications
•
Wearable devices (wristband and smart watches)
•
Game controllers
•
Hearing aids and portable healthcare devices
•
True wireless stereo
•
Wireless sensor nodes
•
Motion-activated user interfaces (screen rotation, tap, double tap)
•
Asset trackers
Product status link
LIS2DUXS12
Product summary
Order code
LIS2DUXS12TR
Temperature
range [°C]
-40 to +85
Package
LGA-12L
Packing
Tape and reel
Product resources
TN0018 (design and soldering)
Product label
Ultralow-power accelerometer with Qvar, AI, & anti-aliasing
LIS2DUXS12
Datasheet
DS14035 - Rev 2 - November 2022
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - LIS2DUXS12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS2DUXS12TR STMICROELECTRONICS-LIS2DUXS12TR Datasheet
1,023Kb / 11P
NFC dynamic tag sensor and processing node evaluation board
09-Nov-2022
More results

Similar Description - LIS2DUXS12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7469 MAXIM-MAX7469 Datasheet
803Kb / 17P
HDTV Continuously Variable Anti-Aliasing Filters
Rev 0; 5/06
logo
Minilogic Device Corpor...
MAX7472 MINILOGIC-MAX7472 Datasheet
277Kb / 19P
HDTV Anti-Aliasing Filters with Triple-Input Mux
logo
KR Electronics, Inc.
2403 KR-2403 Datasheet
25Kb / 2P
HDTV ANTI-ALIASING FILTER
2404 KR-2404 Datasheet
25Kb / 2P
HDTV ANTI-ALIASING FILTER
2405 KR-2405 Datasheet
24Kb / 2P
HDTV ANTI-ALIASING FILTER
logo
Maxim Integrated Produc...
MAX7469 MAXIM-MAX7469_07 Datasheet
289Kb / 17P
HDTV Continuously Variable Anti-Aliasing Filters
19-0548; Rev 1; 4/07
logo
Hittite Microwave Corpo...
HMC1023LP5E HITTITE-HMC1023LP5E Datasheet
2Mb / 30P
Anti-aliasing and reconstruction filters
logo
Faraday Technology
FHS1350F FARADAY-FHS1350F Datasheet
92Kb / 2P
PRE A-D ANTI-ALIASING FILTER
FL1311 FARADAY-FL1311 Datasheet
13Kb / 2P
ANTI-ALIASING PRE FILTER
logo
STMicroelectronics
LIS2DUX12 STMICROELECTRONICS-LIS2DUX12 Datasheet
2Mb / 102P
Ultralow-power accelerometer with AI & anti-aliasing
09-Nov-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com