Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS2DUX12 Datasheet (PDF) - STMicroelectronics

LIS2DUX12 Datasheet PDF - STMicroelectronics
Part # LIS2DUX12
Download  LIS2DUX12 Download
File Size   3021.88 Kbytes
Page   102 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Ultralow-power accelerometer with AI & anti-aliasing

LIS2DUX12 Datasheet (PDF)

Go To PDF Page Download Datasheet
LIS2DUX12 Datasheet PDF - STMicroelectronics

Part # LIS2DUX12
Download  LIS2DUX12 Click to download

File Size   3021.88 Kbytes
Page   102 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Ultralow-power accelerometer with AI & anti-aliasing

LIS2DUX12 Datasheet (HTML) - STMicroelectronics


LIS2DUX12 Product details

Features
• Supply voltage range from 1.62 V to 3.6 V
– Independent IO supply (1.62 V to 3.6 V) for I²C and SPI interfaces
– Independent IO supply (extended range: 1.08 V to 3.6 V) for MIPI I3C®
interface
• Four operating power modes
• Ultralow power consumption
– High-performance mode with anti-aliasing filter: 10.8 μA
– Low-power mode with anti-aliasing filter: 6.2 μA
– Ultralow-power mode: 2.7 μA
– Power-down: 0.01 μA
• Low noise down to 220 μg/√Hz
• ±2g/±4g/±8g/±16g programmable full-scale
• ODR from 1.6 Hz to 800 Hz
• Embedded machine learning core
• Programmable finite state machine
• Adaptive self-configuration (ASC) based on the sensor processing output
(FSM / MLC)
• Embedded temperature sensor
• Embedded FIFO: up to 512 samples of accelerometer and temperature data in
high resolution or up to 768 samples of acceleration data at low resolution
• High-speed I²C/SPI/MIPI I3C® digital output interface
• Embedded digital functions (free-fall, wake-up, single/double/triple-tap
recognition, activity/inactivity, 6D/4D orientation)
• Advanced pedometer, step detector and step counter
• Significant motion detection, tilt detection
• Self-test
• Small package: 2.0 x 2.0 x 0.74 (max) mm LGA 12-lead
• 10000 g high shock survivability
• ECOPACK and RoHS compliant

Applications
• Wearable devices (wristband and smart watches)
• Game controllers
• Hearing aids and portable healthcare devices
• True wireless stereo
• Wireless sensor nodes
• Motion-activated user interfaces (screen rotation, tap, double tap)
• Asset trackers




Similar Part No. - LIS2DUX12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS2DUXS12 STMICROELECTRONICS-LIS2DUXS12 Datasheet
3Mb / 104P
Ultralow-power accelerometer with Qvar, AI, & anti-aliasing
09-Nov-2022
LIS2DUXS12TR STMICROELECTRONICS-LIS2DUXS12TR Datasheet
1,023Kb / 11P
NFC dynamic tag sensor and processing node evaluation board
09-Nov-2022
LIS2DUXS12TR STMICROELECTRONICS-LIS2DUXS12TR Datasheet
3Mb / 104P
Ultralow-power accelerometer with Qvar, AI, & anti-aliasing
09-Nov-2022
More results


Similar Description - LIS2DUX12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7469 MAXIM-MAX7469 Datasheet
803Kb / 17P
HDTV Continuously Variable Anti-Aliasing Filters
Rev 0; 5/06
logo
Minilogic Device Corpor...
MAX7472 MINILOGIC-MAX7472 Datasheet
277Kb / 19P
HDTV Anti-Aliasing Filters with Triple-Input Mux
logo
KR Electronics, Inc.
2403 KR-2403 Datasheet
25Kb / 2P
HDTV ANTI-ALIASING FILTER
2404 KR-2404 Datasheet
25Kb / 2P
HDTV ANTI-ALIASING FILTER
2405 KR-2405 Datasheet
24Kb / 2P
HDTV ANTI-ALIASING FILTER
logo
Maxim Integrated Produc...
MAX7469 MAXIM-MAX7469_07 Datasheet
289Kb / 17P
HDTV Continuously Variable Anti-Aliasing Filters
19-0548; Rev 1; 4/07
logo
Hittite Microwave Corpo...
HMC1023LP5E HITTITE-HMC1023LP5E Datasheet
2Mb / 30P
Anti-aliasing and reconstruction filters
logo
Faraday Technology
FHS1350F FARADAY-FHS1350F Datasheet
92Kb / 2P
PRE A-D ANTI-ALIASING FILTER
FL1311 FARADAY-FL1311 Datasheet
13Kb / 2P
ANTI-ALIASING PRE FILTER
logo
STMicroelectronics
LIS2DUXS12 STMICROELECTRONICS-LIS2DUXS12 Datasheet
3Mb / 104P
Ultralow-power accelerometer with Qvar, AI, & anti-aliasing
09-Nov-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com