Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS2DW Datasheet (PDF) - STMicroelectronics

LIS2DW Datasheet PDF - STMicroelectronics
Part # LIS2DW
Download  LIS2DW Download
File Size   1320.42 Kbytes
Page   63 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description MEMS digital output motion sensor: high-performance, ultra-low-power 3-axis

LIS2DW Datasheet (PDF)

Go To PDF Page Download Datasheet
LIS2DW Datasheet PDF - STMicroelectronics

Part # LIS2DW
Download  LIS2DW Click to download

File Size   1320.42 Kbytes
Page   63 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description MEMS digital output motion sensor: high-performance, ultra-low-power 3-axis

LIS2DW Datasheet (HTML) - STMicroelectronics


LIS2DW Product details

Features
 Ultra-low power consumption: 50 nA in powerdown
mode, below 1 μA in active low-power
mode
 Very low noise: down to 1.3 mg RMS in lowpower
mode
 Multiple operating modes with multiple
bandwidths
 Android stationary detection, motion detection
 Supply voltage, 1.62 V to 3.6 V
 Independent IO supply
 2g/4g/8g/16g full scale
 High-speed I²C/SPI digital output interface
 Single data conversion on demand
 16-bit data output
 Embedded temperature sensor
 Self-test
 32-level FIFO
 10000 g high shock survivability
 ECOPACK, RoHS and “Green” compliant

Description
The LIS2DW is an ultra-low-power, high
performance three-axis linear accelerometer
belonging to the “femto” family which leverages
on the robust and mature manufacturing
processes already used for the production of
micromachined accelerometers.
The LIS2DW has user-selectable full scales of
2g/4g/8g/16g and is capable of measuring
accelerations with output data rates from 1.6 Hz
to 1600 Hz.
The LIS2DW has an integrated 32-level first-in,
first-out (FIFO) buffer allowing the user to store
data in order to limit intervention by the host
processor.
The embedded self-test capability allows the user
to check the functioning of the sensor in the final
application.
The LIS2DW has a dedicated internal engine to
process motion and acceleration detection
including free-fall, wakeup, highly configurable
single/double-tap recognition, activity/inactivity,
stationary/motion detection, portrait/landscape
detection and 6D/4D orientation.
The LIS2DW is available in a small thin plastic
land grid array package (LGA) and it is
guaranteed to operate over an extended
temperature range from -40 °C to +85 °C.

Applications
 Motion detection for wearables
 Gesture recognition and gaming
 Motion-activated functions and user interfaces
 Display orientation
 Tap/double-tap recognition
 Free-fall detection
 Smart power saving for handheld devices
 Hearing aids
 Portable healthcare devices
 Wireless sensor nodes
 Motion-enabled metering devices




Similar Part No. - LIS2DW

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS2DW12 STMICROELECTRONICS-LIS2DW12 Datasheet
1Mb / 66P
MEMS digital output motion sensor: high-performance ultra-low-power 3-axis
Jul-2019
LIS2DW12 STMICROELECTRONICS-LIS2DW12 Datasheet
148Kb / 4P
NFC Dynamic Tag sensor node evaluation board
22-Jun-2018
LIS2DW12 STMICROELECTRONICS-LIS2DW12 Datasheet
3Mb / 32P
ST portfolio for smartphone platforms
Jan-2023
LIS2DW12TR STMICROELECTRONICS-LIS2DW12TR Datasheet
1Mb / 66P
MEMS digital output motion sensor: high-performance ultra-low-power 3-axis
Jul-2019
More results


Similar Description - LIS2DW

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS302DLH STMICROELECTRONICS-LIS302DLH Datasheet
679Kb / 37P
MEMS digital output motion sensor ultra low-power high performance 3-axes ?쐏iccolo??accelerometer
04-Jun-2009
LIS331DLF STMICROELECTRONICS-LIS331DLF Datasheet
684Kb / 38P
MEMS digital output motion sensor ultra low-power high performance 3-axes ?쐍ano??accelerometer
10-Jul-2009
LIS331DLH STMICROELECTRONICS-LIS331DLH Datasheet
691Kb / 38P
MEMS digital output motion sensor ultra low-power high performance 3-axes ?쐍ano??accelerometer
10-Jul-2009
A3G4250DTR STMICROELECTRONICS-A3G4250DTR Datasheet
1Mb / 44P
MEMS motion sensor: 3-axis digital output gyroscope
14-Feb-2012
LIS3DSHTR STMICROELECTRONICS-LIS3DSHTR Datasheet
1Mb / 53P
MEMS digital output motion sensor ultra low-power high performance three-axis ?쐍ano??accelerometer
26-Oct-2011
LIS2DE12 STMICROELECTRONICS-LIS2DE12 Datasheet
1Mb / 51P
MEMS digital output motion sensor: ultra-low-power high-performance 3-axis
27-Jan-2017
LIS2DW12 STMICROELECTRONICS-LIS2DW12 Datasheet
1Mb / 66P
MEMS digital output motion sensor: high-performance ultra-low-power 3-axis
Jul-2019
IIS2DLPC STMICROELECTRONICS-IIS2DLPC Datasheet
1Mb / 69P
MEMS digital output motion sensor: high-performance ultra-low-power 3-axis accelerometer for industrial applications
03-May-2019
AIS2DW12 STMICROELECTRONICS-AIS2DW12 Datasheet
1Mb / 60P
MEMS digital output motion sensor: ultra-low-power 3-axis accelerometer for automotive applications
20-Jun-2019
LIS2DU12 STMICROELECTRONICS-LIS2DU12 Datasheet
1Mb / 13P
MEMS digital output motion sensor: advanced ultra-low-power 3-axis accelerometer
28-Jun-2021
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com