Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS2DE12 Datasheet (PDF) - STMicroelectronics

LIS2DE12 Datasheet PDF - STMicroelectronics
Part # LIS2DE12
Download  LIS2DE12 Download
File Size   1127.36 Kbytes
Page   51 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description MEMS digital output motion sensor: ultra-low-power high-performance 3-axis

LIS2DE12 Datasheet (PDF)

Go To PDF Page Download Datasheet
LIS2DE12 Datasheet PDF - STMicroelectronics

Part # LIS2DE12
Download  LIS2DE12 Click to download

File Size   1127.36 Kbytes
Page   51 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description MEMS digital output motion sensor: ultra-low-power high-performance 3-axis

LIS2DE12 Datasheet (HTML) - STMicroelectronics


LIS2DE12 Product details

Description
The LIS2DE12 is an ultra-low-power highperformance three-axis linear accelerometer
belonging to the “femto” family with digital I2C/SPI
serial interface standard output.
The LIS2DE12 has user-selectable full scales of
2g/±4g/8g/16g and is capable of measuring
accelerations with output data rates from 1 Hz to
5.3 kHz.
The self-test capability allows the user to check
the functionality of the sensor in the final
application.
The device may be configured to generate
interrupt signals by detecting two independent
inertial wake-up/free-fall events as well as by the
position of the device itself.
The LIS2DE12 is available in a small thin plastic
land grid array package (LGA) and is guaranteed
to operate over an extended temperature range
from -40 °C to +85 °C.

Features
 Wide supply voltage, 1.71 V to 3.6 V
 Independent IO supply (1.8 V) and supply
voltage compatible
 Ultra-low power consumption down to 2 μA
 2g/±4g/8g/16g selectable full scales
 I
2C/SPI digital output interface
 8-bit data output
 2 independent programmable interrupt
generators for free-fall and motion detection
 6D/4D orientation detection
 “Sleep-to-wake” and “return-to-sleep” functions
 Free-fall detection
 Motion detection
 Embedded temperature sensor
 Embedded FIFO
 ECOPACK®, RoHS and “Green” compliant

Applications
 Motion-activated functions
 Display orientation
 Shake control
 Pedometer
 Gaming and virtual reality input devices
 Impact recognition and logging




Similar Part No. - LIS2DE12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS2DH STMICROELECTRONICS-LIS2DH Datasheet
927Kb / 50P
ultra low-power high performance 3-axis ?쐄emto??accelerometer
25-Nov-2011
LIS2DH12 STMICROELECTRONICS-LIS2DH12 Datasheet
1Mb / 53P
Free-fall detection
05-May-2017
LIS2DH12TR STMICROELECTRONICS-LIS2DH12TR Datasheet
1Mb / 53P
Free-fall detection
05-May-2017
LIS2DHTR STMICROELECTRONICS-LIS2DHTR Datasheet
927Kb / 50P
ultra low-power high performance 3-axis ?쐄emto??accelerometer
25-Nov-2011
LIS2DS12 STMICROELECTRONICS-LIS2DS12 Datasheet
1Mb / 68P
ultra-low-power high-performance 3-axis "pico" accelerometer
14-Dec-2015
More results


Similar Description - LIS2DE12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS302DLH STMICROELECTRONICS-LIS302DLH Datasheet
679Kb / 37P
MEMS digital output motion sensor ultra low-power high performance 3-axes ?쐏iccolo??accelerometer
04-Jun-2009
LIS331DLF STMICROELECTRONICS-LIS331DLF Datasheet
684Kb / 38P
MEMS digital output motion sensor ultra low-power high performance 3-axes ?쐍ano??accelerometer
10-Jul-2009
LIS331DLH STMICROELECTRONICS-LIS331DLH Datasheet
691Kb / 38P
MEMS digital output motion sensor ultra low-power high performance 3-axes ?쐍ano??accelerometer
10-Jul-2009
A3G4250DTR STMICROELECTRONICS-A3G4250DTR Datasheet
1Mb / 44P
MEMS motion sensor: 3-axis digital output gyroscope
14-Feb-2012
LIS3DSHTR STMICROELECTRONICS-LIS3DSHTR Datasheet
1Mb / 53P
MEMS digital output motion sensor ultra low-power high performance three-axis ?쐍ano??accelerometer
26-Oct-2011
LIS2DW12 STMICROELECTRONICS-LIS2DW12 Datasheet
1Mb / 66P
MEMS digital output motion sensor: high-performance ultra-low-power 3-axis
Jul-2019
IIS2DLPC STMICROELECTRONICS-IIS2DLPC Datasheet
1Mb / 69P
MEMS digital output motion sensor: high-performance ultra-low-power 3-axis accelerometer for industrial applications
03-May-2019
AIS2DW12 STMICROELECTRONICS-AIS2DW12 Datasheet
1Mb / 60P
MEMS digital output motion sensor: ultra-low-power 3-axis accelerometer for automotive applications
20-Jun-2019
LIS2DU12 STMICROELECTRONICS-LIS2DU12 Datasheet
1Mb / 13P
MEMS digital output motion sensor: advanced ultra-low-power 3-axis accelerometer
28-Jun-2021
LIS2DW STMICROELECTRONICS-LIS2DW Datasheet
1Mb / 63P
MEMS digital output motion sensor: high-performance, ultra-low-power 3-axis
10-Apr-2020
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com