Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8603 Datasheet (PDF) - Analog Devices

LT8603 Datasheet PDF - Analog Devices
Part # LT8603
Download  LT8603 Download
File Size   1898.12 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 42V Quad, Gangable, Synchronous, Monolithic Step-Down Regulator

LT8603 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT8603 Datasheet PDF - Analog Devices

Part # LT8603
Download  LT8603 Click to download

File Size   1898.12 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 42V Quad, Gangable, Synchronous, Monolithic Step-Down Regulator

LT8603 Datasheet (HTML) - Analog Devices


LT8603 Product details

DESCRIPTION
The LT®8685S is a highly flexible, four channel, current
mode, monolithic regulator able to power a wide range
of automotive and industrial applications while occupying
minimal board space.
The LT8685S combines two 42V capable 2.5A buck regulators
with two 8V capable 4A buck regulators. The two
42V regulators may be combined to provide up to 5A of
output current using a single inductor. Similarly, the two
8V regulators may be combined to provide up to 8A of
output current using a single inductor. Individual channel
enable, track/soft-start and power good pins provide flexible
power supply sequencing and control. The LT8685S
features a Silent Switcher 2 architecture, plus selectable
spread spectrum mode, to provide ultralow EMI/EMC
emissions while delivering high efficiency at high switching
frequencies.
The LT8685S incorporates thermal shutdown and individual
channel cycle-by-cycle current limit for short circuit
protection and robust operation.

FEATURES
n Silent Switcher®2 Architecture
n Ultralow EMI Emissions
n Optional Spread Spectrum Modulation
n Two High Voltage Synchronous Buck Regulators
n 3V to 42V Input Voltage Range
n Output Currents Up to 2.5A per Channel
n Channels May Be Connected in Parallel Using a
Single Inductor
n Two Low Voltage Synchronous Buck Regulators
n 3V to 8V Input Voltage Range
n Output Currents Up to 4A per Channel
n Channels May Be Connected in Parallel Using a
Single Inductor
n 12μA IQ All Channels Active and No-Load
n Flexible Supply Sequencing and Control
n Adjustable and Synchronizable: 350kHz to 3MHz
n Available in 36-Lead LQFN (5mm × 6mm)
n AEC-Q100 Qualified for Automotive Applications

APPLICATIONS
n Automotive Systems
n Industrial Controls and Power Supplies




Similar Part No. - LT8603

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8603 LINER-LT8603 Datasheet
1Mb / 38P
42V, Low IQ, Quad Output Triple Monolithic Buck Converter and Boost Controller
logo
Analog Devices
LT8603 AD-LT8603 Datasheet
1Mb / 26P
18V, 10A Synchronous Step-Down Silent Switcher
Rev. 0
LT8603 AD-LT8603 Datasheet
2Mb / 26P
42V Quad, Gangable, Synchronous, Monolithic Step-Down Regulator
Rev. 0
More results


Similar Description - LT8603

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8610 LINER-LT8610 Datasheet
264Kb / 20P
42V, 2.5A Synchronous Step-Down Regulator
LT8611 LINER-LT8611 Datasheet
289Kb / 24P
42V, 2.5A Synchronous Step-Down Regulator
LT8612 LINER-LT8612 Datasheet
225Kb / 6P
42V, 6A Micropower Synchronous Step-Down Regulator
LT8606 LINER-LT8606 Datasheet
362Kb / 8P
42V, 0.35A Micropower Synchronous Step-Down Regulator
LT8607 LINER-LT8607 Datasheet
209Kb / 6P
42V, 0.75A Micropower Synchronous Step-Down Regulator
LT8609 LINER-LT8609 Datasheet
622Kb / 8P
42V, 2A Micropower Synchronous Step-Down Regulator
LT8601 LINER-LT8601 Datasheet
1Mb / 26P
42V Triple Monolithic Synchronous Step-Down Regulator
LT8602 LINER-LT8602 Datasheet
1Mb / 30P
42V Quad Monolithic Synchronous Step-Down Regulator
logo
Analog Devices
LT7200S AD-LT7200S Datasheet
1Mb / 35P
Quad 18V, ±5A Synchronous Monolithic Step-Down Regulator
Rev 0
LT8686S AD-LT8686S Datasheet
2Mb / 26P
42V Quad, Gangable, Synchronous, Monolithic Step-Down Regulator
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com