Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT7200S Datasheet (PDF) - Analog Devices

LT7200S Datasheet PDF - Analog Devices
Part # LT7200S
Download  LT7200S Download
File Size   1501.46 Kbytes
Page   35 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Quad 18V, ±5A Synchronous Monolithic Step-Down Regulator

LT7200S Datasheet (PDF)

Go To PDF Page Download Datasheet
LT7200S Datasheet PDF - Analog Devices

Part # LT7200S
Download  LT7200S Click to download

File Size   1501.46 Kbytes
Page   35 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Quad 18V, ±5A Synchronous Monolithic Step-Down Regulator

LT7200S Datasheet (HTML) - Analog Devices


LT7200S Product details

DESCRIPTION
The LT®7200S is a quad-channel, high efficiency
monolithic synchronous buck regulator, capable of
sinking/sourcing 5A to the load per channel. Its multichannel
flexibility is ideal for powering complex
systems with the compact layout. The operating
supply voltage range is from 2.9V to 18V, making it
suitable for various supply applications from a 3.3V,
5V to 12V supply.
The operating frequency is programmable from
400kHz to 3MHz with an external resistor, or externally
synchronized for switching noise sensitive
applications. The unique “phase lockable, controlled
on-time, constant frequency, current mode”
architecture, is ideal for high frequency, high stepdown
applications while demanding fast transient
responses. The high frequency capability allows
smaller surface mount inductors and capacitors. The
MODE/SYNC pin selects low noise Forced Continuous
Mode (FCM) or high efficiency Discontinuous Mode
(DCM). The PHMODE pin allows to run out-of-phase
among 4 channels, which lessens the required input
and output capacitors. The LT7200S uses second
generation Silent Switcher technology with
integrated bypass capacitors to deliver a highly
efficient solution at high frequencies with excellent
EMI performance.

FEATURES
 Silent Switcher 2 Architecture:
 Ultralow EMI
 Eliminated PCB Layout Sensitivity
 Internal Bypass Caps Reduce Radiated EMI
 Wide SVIN Range: 2.9V to 18V; PVIN: 1.5V to 18V
 Wide VOUT Range: 0.5V to 0.9VIN
 Output Current: ±5A/ Channel; up to ±20A
 Accurate Reference: 0.5V ± 0.8% Over Temp
 High Efficiency: Up to 96%
 12ns Min on-time: True 12V to 1V at 2MHz
 Programmable Multi-phase, Synchronizable
Frequency: 400kHz to 3MHz
 Current Mode: Excellent Line and Load
Transient Response
 User Selectable Discontinuous Mode® (DCM) or
Forced Continuous Mode (FCM) Operation
 Flexible Individual Internal Compensation for
Ease of Use; External for Fast Transient
 Accurate Individual 1.2V EN/ Run Pin Threshold
 Individual Output Tracking and Soft-Start
 Individual Power Good Status Output
 Low Profile 5mm x 6mm 48-Lead LQFN Package

APPLICATIONS
 Distributed Power Systems, Server Power
 Point of Load Supply for ASIC, FPGA, Etc.




Similar Part No. - LT7200S

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LT7200S AD-LT7200S Datasheet
1Mb / 13P
LT7200S Quad 18V, ±5A Synchronous Monolithic Step-Down Regulator
Rev 0; 10/22
More results


Similar Description - LT7200S

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7235 RICHTEK-RT7235 Datasheet
302Kb / 18P
5A, 18V, 650kHz, ACOTTM Synchronous Step-Down Converter
logo
Linear Technology
LTC3605 LINER-LTC3605_15 Datasheet
354Kb / 22P
15V, 5A Synchronous Step-Down Regulator
LTC3605A LINER-LTC3605A_15 Datasheet
372Kb / 22P
20V, 5A Synchronous Step-Down Regulator
LT8602 LINER-LT8602 Datasheet
1Mb / 30P
42V Quad Monolithic Synchronous Step-Down Regulator
logo
Shenzhen Huazhimei Semi...
HM1470 HMSEMI-HM1470 Datasheet
1Mb / 7P
18V 2A 500KHz Synchronous Step-Down Regulator
HM1482E HMSEMI-HM1482E Datasheet
1Mb / 7P
18V 2.5A 500KHz Synchronous Step-Down Regulator
HM2259C HMSEMI-HM2259C Datasheet
1Mb / 7P
18V 2A 600KHz Synchronous Step-Down Regulator
logo
Analog Devices
LT8685S AD-LT8685S Datasheet
1Mb / 24P
42V Quad, Gangable, Synchronous, Monolithic Step-Down Regulator
Rev.0
LT8686S AD-LT8686S Datasheet
2Mb / 26P
42V Quad, Gangable, Synchronous, Monolithic Step-Down Regulator
Rev. 0
logo
Richtek Technology Corp...
RT2825 RICHTEK-RT2825 Datasheet
434Kb / 22P
4.5V to 18V, 5A/5A Dual Synchronous Step-Down Converter
May 2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com