Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3605A Datasheet (PDF) - Linear Technology

LTC3605A Datasheet PDF - Linear Technology
Part # LTC3605A_15
Download  LTC3605A Download
File Size   372.94 Kbytes
Page   22 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description 20V, 5A Synchronous Step-Down Regulator

LTC3605A Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC3605A Datasheet PDF - Linear Technology

Part # LTC3605A_15
Download  LTC3605A Click to download

File Size   372.94 Kbytes
Page   22 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description 20V, 5A Synchronous Step-Down Regulator

LTC3605A Datasheet (HTML) - Linear Technology




Similar Part No. - LTC3605A_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3605A LINER-LTC3605A Datasheet
240Kb / 16P
17V, 1A Synchronous Step-Down Regulator with 3.5關A Quiescent Current
LTC3605A LINER-LTC3605A Datasheet
627Kb / 28P
Dual Channel 3A, 20V Monolithic Synchronous Step-Down Regulator
LTC3605A LINER-LTC3605A Datasheet
637Kb / 28P
Dual Channel 3A, 20V Monolithic Synchronous Step-Down Regulator
LTC3605A LINER-LTC3605A Datasheet
1Mb / 24P
A 7-Bit Current DAC with PMBus Interface
logo
Analog Devices
LTC3605A AD-LTC3605A Datasheet
1Mb / 20P
Quad 17V, 1.25A Parallelable Synchronous Step-Down Regulator with Ultralow Quiescent Current
More results


Similar Description - LTC3605A_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3633A-2 LINER-LTC3633A-2 Datasheet
637Kb / 28P
Dual Channel 3A, 20V Monolithic Synchronous Step-Down Regulator
LTC3605 LINER-LTC3605_15 Datasheet
354Kb / 22P
15V, 5A Synchronous Step-Down Regulator
LTC3633A LINER-LTC3633A_15 Datasheet
412Kb / 30P
Dual Channel 3A, 20V Monolithic Synchronous Step-Down Regulator
LTC3633A-1 LINER-LTC3633A-1_15 Datasheet
412Kb / 30P
Dual Channel 3A, 20V Monolithic Synchronous Step-Down Regulator
LTC3633A-2 LINER-LTC3633A-2_15 Datasheet
419Kb / 28P
Dual Channel 3A, 20V Monolithic Synchronous Step-Down Regulator
LTC3633A-3 LINER-LTC3633A-3_15 Datasheet
419Kb / 28P
Dual Channel 3A, 20V Monolithic Synchronous Step-Down Regulator
logo
Exar Corporation
XR76203 EXAR-XR76203 Datasheet
1Mb / 20P
3A/5A/8A Synchronous Step Down COT Regulator
logo
Linear Technology
LTC7150S LINER-LTC7150S Datasheet
1Mb / 22P
20V, 20A Synchronous Step-Down Regulator
logo
Shenzhen Huazhimei Semi...
HM1488D HMSEMI-HM1488D Datasheet
1Mb / 12P
Synchronous rectifier step-down voltage regulator up to 5A
logo
Analog Devices
LT7200S AD-LT7200S Datasheet
1Mb / 35P
Quad 18V, ±5A Synchronous Monolithic Step-Down Regulator
Rev 0
More results




About Linear Technology


Linear Technology was a publicly traded company that designed, manufactured, and marketed a wide range of analog integrated circuits (ICs) for applications in industrial, automotive, communications, and computing industries.
The company was founded in 1981 and was headquartered in Milpitas, California.
Linear Technology was acquired by Analog Devices, Inc. in 2017.
Linear Technology was known for its high-performance analog ICs, including amplifiers, voltage regulators, data converters, power management ICs, and interface products.
The company's products were designed for use in a variety of applications, including automotive, industrial, and energy management systems, among others.
With a focus on innovation and customer satisfaction, Linear Technology was committed to providing its customers with high-quality, reliable solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com