Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM1488D Datasheet (PDF) - Shenzhen Huazhimei Semiconductor Co., Ltd

HM1488D Datasheet PDF - Shenzhen Huazhimei Semiconductor Co., Ltd
Part # HM1488D
Download  HM1488D Download
File Size   1315.67 Kbytes
Page   12 Pages
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd
Description Synchronous rectifier step-down voltage regulator up to 5A

HM1488D Datasheet (PDF)

Go To PDF Page Download Datasheet
HM1488D Datasheet PDF - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM1488D
Download  HM1488D Click to download

File Size   1315.67 Kbytes
Page   12 Pages
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd
Description Synchronous rectifier step-down voltage regulator up to 5A

HM1488D Datasheet (HTML) - Shenzhen Huazhimei Semiconductor Co., Ltd


HM1488D Product details

[Shenzhen Huazhimei Semiconductor Co., Ltd]

Overview
HM1488D is a simple and efficient synchronization with a maximum output current of 5A Rectifier step-down regulator. The input voltage range of HM1488D is from 4.5V to 18V, Can provide the maximum output current of 5A, the output voltage is as low as 0.8 V. The The product is packaged in ESOP8 with a heat sink, and the operating temperature is -40 °C To +85 °C.

Features
● 4.5 V to 18 V operating voltage range
● Maximum 5A continuous output current
● Synchronous step-down: 43mΩ built-in high-side switch and 40mΩ built-in low-side switch (VIN = 10 V)
● Up to 95% efficiency
● External soft start function
● Adjustable output voltage, minimum 0.8 V
● 500 KHz PWM working mode
● Cycle-by-cycle current limit protection
● Short circuit protection

Application occasions
● DC/DC power supply
● LCD TV
● Laptop
● DVD and Blu-ray players
● Optical fiber modulator




Similar Part No. - HM1488D

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM1488B HMSEMI-HM1488B Datasheet
1Mb / 13P
High Efficiency Fast Response.5A, 30V Input Synchronous Step Down Regulator
HM1488BDRC HMSEMI-HM1488BDRC Datasheet
1Mb / 13P
High Efficiency Fast Response.5A, 30V Input Synchronous Step Down Regulator
HM1488BESC HMSEMI-HM1488BESC Datasheet
1Mb / 13P
High Efficiency Fast Response.5A, 30V Input Synchronous Step Down Regulator
HM1488C HMSEMI-HM1488C Datasheet
877Kb / 5P
4A, 16V High Efficiency Synchronous Step-Down Converter
More results


Similar Description - HM1488D

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8430AF SII-S-8430AF Datasheet
1Mb / 23P
STEP UP & DOWN VOLTAGE REGULATOR
logo
Linear Technology
LTC3605 LINER-LTC3605_15 Datasheet
354Kb / 22P
15V, 5A Synchronous Step-Down Regulator
LTC3605A LINER-LTC3605A_15 Datasheet
372Kb / 22P
20V, 5A Synchronous Step-Down Regulator
logo
Semtech Corporation
SC221 SEMTECH-SC221 Datasheet
921Kb / 14P
Synchronous Step-Down Regulator
logo
Texas Instruments
TPS563201 TI1-TPS563201 Datasheet
1Mb / 25P
Synchronous Step-Down Voltage Regulator
LM73605 TI1-LM73605 Datasheet
114Kb / 9P
5A Synchronous Step-Down Voltage Converter
logo
Exar Corporation
XR76203 EXAR-XR76203 Datasheet
1Mb / 20P
3A/5A/8A Synchronous Step Down COT Regulator
logo
Bookly Micro electronic
BM1707 BOOKLY-BM1707 Datasheet
506Kb / 13P
Synchronous Step-Down Regulator
logo
Analog Devices
LT7200S AD-LT7200S Datasheet
1Mb / 35P
Quad 18V, ±5A Synchronous Monolithic Step-Down Regulator
Rev 0
logo
Richtek Technology Corp...
RT2825 RICHTEK-RT2825 Datasheet
434Kb / 22P
4.5V to 18V, 5A/5A Dual Synchronous Step-Down Converter
May 2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com