Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2938633 Datasheet (PDF) - PHOENIX CONTACT

2938633 Datasheet PDF - PHOENIX CONTACT
Part # 2938633
Download  2938633 Download
File Size   767.34 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description 3-Phase Primary-Switched Power Supply Unit

2938633 Datasheet (PDF)

Go To PDF Page Download Datasheet
2938633 Datasheet PDF - PHOENIX CONTACT

Part # 2938633
Download  2938633 Click to download

File Size   767.34 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description 3-Phase Primary-Switched Power Supply Unit

2938633 Datasheet (HTML) - PHOENIX CONTACT


2938633 Product details

Description
QUINT POWER devices are 60...960 W DC power supply
units for universal use. This is ensured by the wide-range
input, single and three-phase versions, and an international
approval package.
QUINT POWER stands for guaranteed supply: powerful
capacitors ensure mains buffering of more than 20 ms at full
load.
All three-phase devices provide the full output power, even
in the event of a continuous phase failure.
The POWER BOOST power reserve starts loads with high
inrush currents and ensures that fuses are reliably tripped.
Preventive function monitoring diagnoses impermissible
operating states and minimizes downtimes in your system.
An active transistor output and a floating relay contact are
used for remote monitoring.
All QUINT POWER devices are idling-proof and shortcircuit
proof, and are available with a regulated and
adjustable output voltage of 12, 24, and 48 V DC with output
currents of 2.5, 5, 10, 20, 30, and 40 A.
Power supply units for use in Ex Zone 2, uninterruptible
solutions, AS-i power supply units, and a QUINT diode
complete the product range.




Similar Part No. - 2938633

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2938633 PHOENIX-2938633 Datasheet
767Kb / 11P
QUINT-PS-3x400-500AC/24DC/30
More results


Similar Description - 2938633

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PSRA3 ETC2-PSRA3 Datasheet
886Kb / 2P
Single phase, primary switched mode power supply
PVSB400 ETC2-PVSB400 Datasheet
1Mb / 2P
Three phase, primary switched mode power supply, Basic
logo
STMicroelectronics
VIPER12A-E STMICROELECTRONICS-VIPER12A-E Datasheet
528Kb / 21P
Low power offline switched-mode power supply primary switcher
13-Dec-2010
logo
PHOENIX CONTACT
102051 PHOENIX-102051 Datasheet
265Kb / 8P
Power Supply Unit, Primary Switched, Narrow Design
102053 PHOENIX-102053 Datasheet
251Kb / 8P
Power Supply Unit, Primary Switched, Narrow Design
logo
WAGO Kontakttechnik Gmb...
787-2850 WAGO-787-2850 Datasheet
324Kb / 7P
Switched-mode power supply; Compact; 1-phase
logo
PHOENIX CONTACT
103986 PHOENIX-103986 Datasheet
362Kb / 11P
Primary-switched power supply for building automation
07/2009
102549 PHOENIX-102549 Datasheet
557Kb / 14P
Power supply unit, primary switched-mode, single-phase, output: 48 V DC /10 A
01/2007
102044 PHOENIX-102044 Datasheet
236Kb / 13P
Primary-Switched Power Supply for Supplying AS-Interface Systems
01/2005
102045 PHOENIX-102045 Datasheet
252Kb / 13P
Primary-Switched Power Supply for Supplying AS-Interface Systems
01/2005
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com