Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1161119 Datasheet (PDF) - PHOENIX CONTACT

1161119 Datasheet PDF - PHOENIX CONTACT
Part # 1161119
Download  1161119 Download
File Size   372.95 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB terminal block - MKDSN 1,5/ 3-5,08 MCBD:-S

1161119 Datasheet (PDF)

Go To PDF Page Download Datasheet
1161119 Datasheet PDF - PHOENIX CONTACT

Part # 1161119
Download  1161119 Click to download

File Size   372.95 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB terminal block - MKDSN 1,5/ 3-5,08 MCBD:-S

1161119 Datasheet (HTML) - PHOENIX CONTACT


1161119 Product details

PCB terminal block, nominal current: 13.5 A, rated voltage (III/2): 400 V, nominal cross section:
1.5 mm2, number of potentials: 3, number of rows: 1, number of positions per row: 3, product
range: MKDSN 1,5, pitch: 5.08 mm, connection method: Screw connection with tension sleeve,
screw head form: L Slotted, conductor/PCB connection direction: 0 °, color: green, Pin layout:
Linear pinning, Solder pin [P]: 3.5 mm, number of solder pins per potential: 1, type of packaging:
packed in cardboard. Satisfies the requirements of the “APL Port Profile Specification”

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Allows connection of two conductors
• Extremely small design for the respective conductor cross section
• The latching on the side enables various numbers of positions to be combined




Similar Part No. - 1161119

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1161105 PHOENIX-1161105 Datasheet
283Kb / 10P
PCB terminal block - SPT 2,5/ 3-V-5,0 EXMCRDGNGYBD
Jun 29, 2022
logo
Weidmuller
1161120000 WEIDMULLER-1161120000 Datasheet
374Kb / 7P
BLZP 5.08HC/03/270 AU BL BX
logo
PHOENIX CONTACT
1161181 PHOENIX-1161181 Datasheet
364Kb / 12P
PCB terminal block - SMKDSN 1,5/ 3-5,08 MCBD:-S
Jun 29, 2022
1161188 PHOENIX-1161188 Datasheet
484Kb / 16P
PCB connector - FKCOR 2,5/ 3-STF-5,08 MCBD:-S
Jul 20, 2022
1161197 PHOENIX-1161197 Datasheet
2Mb / 30P
PCB connector - MSTB 2,5/ 3-ST-5,08 BUBDWH:-S
Jul 20, 2022
More results


Similar Description - 1161119

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1706753 PHOENIX-1706753 Datasheet
154Kb / 8P
PCB terminal block - MKDSN 1,5/15-5,08
1800090 PHOENIX-1800090 Datasheet
65Kb / 5P
PCB terminal block - MKDSN 1,5/ 5-5,08 BK
1869651 PHOENIX-1869651 Datasheet
118Kb / 6P
PCB terminal block - MKDSN 1,5/ 3-5,08 BK
1907814 PHOENIX-1907814 Datasheet
128Kb / 6P
PCB terminal block - MKDSN 1,5/ 4-5,08 BK
1907830 PHOENIX-1907830 Datasheet
66Kb / 5P
PCB terminal block - MKDSN 1,5/10-5,08 BK
5772524 PHOENIX-5772524 Datasheet
106Kb / 3P
PCB terminal block - MKDSN 1,5/ 3-5,08 TS
11/05/2018
1752007 PHOENIX-1752007 Datasheet
116Kb / 4P
PCB terminal block - MKDSN 1,5/ 2-5,08 RD
11/04/2018
1161181 PHOENIX-1161181 Datasheet
364Kb / 12P
PCB terminal block - SMKDSN 1,5/ 3-5,08 MCBD:-S
Jun 29, 2022
1548128 PHOENIX-1548128 Datasheet
341Kb / 10P
MKDSN 1,5/ 2-5,08 SPE - PCB terminal block
1548129 PHOENIX-1548129 Datasheet
351Kb / 10P
MKDSN 1,5/ 3-5,08 SPE - PCB terminal block
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com