Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1161181 Datasheet (PDF) - PHOENIX CONTACT

1161181 Datasheet PDF - PHOENIX CONTACT
Part # 1161181
Download  1161181 Download
File Size   364.33 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB terminal block - SMKDSN 1,5/ 3-5,08 MCBD:-S

1161181 Datasheet (PDF)

Go To PDF Page Download Datasheet
1161181 Datasheet PDF - PHOENIX CONTACT

Part # 1161181
Download  1161181 Click to download

File Size   364.33 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB terminal block - SMKDSN 1,5/ 3-5,08 MCBD:-S

1161181 Datasheet (HTML) - PHOENIX CONTACT


1161181 Product details

PCB terminal block, nominal current: 13.5 A, rated voltage (III/2): 400 V, nominal cross section:
1.5 mm2, number of potentials: 3, number of rows: 1, number of positions per row: 3, product
range: SMKDSN 1,5, pitch: 5.08 mm, connection method: Screw connection with tension sleeve,
screw head form: L Slotted, conductor/PCB connection direction: 45 °, color: green, Pin layout:
Linear pinning, Solder pin [P]: 3.5 mm, number of solder pins per potential: 1, type of packaging:
packed in cardboard. Satisfies the requirements of the “APL Port Profile Specification”

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Allows connection of two conductors
• Angled connection enables multi-row arrangement on the PCB
• Extremely small design for the respective conductor cross section




Similar Part No. - 1161181

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1161188 PHOENIX-1161188 Datasheet
484Kb / 16P
PCB connector - FKCOR 2,5/ 3-STF-5,08 MCBD:-S
Jul 20, 2022
More results


Similar Description - 1161181

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1734766 PHOENIX-1734766 Datasheet
58Kb / 5P
PCB terminal block - SMKDSN 1,5/ 3-5,08 BU
1869240 PHOENIX-1869240 Datasheet
84Kb / 6P
PCB terminal block - SMKDSN 1,5/ 5-5,08
1869266 PHOENIX-1869266 Datasheet
83Kb / 6P
PCB terminal block - SMKDSN 1,5/ 7-5,08
1869282 PHOENIX-1869282 Datasheet
83Kb / 6P
PCB terminal block - SMKDSN 1,5/ 9-5,08
1869295 PHOENIX-1869295 Datasheet
82Kb / 5P
PCB terminal block - SMKDSN 1,5/10-5,08
1869318 PHOENIX-1869318 Datasheet
80Kb / 5P
PCB terminal block - SMKDSN 1,5/12-5,08
1869321 PHOENIX-1869321 Datasheet
79Kb / 6P
PCB terminal block - SMKDSN 1,5/13-5,08
1869350 PHOENIX-1869350 Datasheet
80Kb / 5P
PCB terminal block - SMKDSN 1,5/16-5,08
1161119 PHOENIX-1161119 Datasheet
372Kb / 12P
PCB terminal block - MKDSN 1,5/ 3-5,08 MCBD:-S
Jun 29, 2022
1548131 PHOENIX-1548131 Datasheet
350Kb / 10P
SMKDSN 1,5/ 3-5,08 SPE - PCB terminal block
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com