Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5330 Datasheet (PDF) - Analog Devices

ADL5330 Datasheet PDF - Analog Devices
Part # ADL5330
Download  ADL5330 Download
File Size   186.18 Kbytes
Page   5 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1 MHz - 3 GHz VGA with 60dB Gain Control Range

ADL5330 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADL5330 Datasheet PDF - Analog Devices

Part # ADL5330
Download  ADL5330 Click to download

File Size   186.18 Kbytes
Page   5 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1 MHz - 3 GHz VGA with 60dB Gain Control Range

ADL5330 Datasheet (HTML) - Analog Devices


ADL5330 Product details

GENERAL DESCRIPTION
The ADL5330 is a high performance, voltage controlled, variable gain amplifier (VGA)/attenuator for use in applications with frequencies up to 3 GHz. The balanced structure of the signal path minimizes distortion while it also reduces the risk of spurious feedforward at low gains and high frequencies caused by parasitic coupling. While operation between a balanced source and load is recommended, a single sided input is internally converted to differential form.

FEATURES
   Voltage controlled amplifier/attenuator
   Operating frequency 10 MHz to 3 GHz
   Optimized for controlling output power
   High linearity: OIP3 31 dBm at 900 MHz
   Output noise floor: −150 dBm/Hz at 900 MHz
   50 Ω input and output impedances
   Single-ended or differential operation
   Wide gain control range: −34 dB to +22 dB at 900 MHz
   Linear in dB gain control function, 20 mV/dB
   Single-supply 4.75 V to 5.25 V

APPLICATIONS
   Transmit and receive power control at RF and IF




Similar Part No. - ADL5330

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5330 AD-ADL5330 Datasheet
869Kb / 24P
10 MHz to 3 GHz VGA with 60 dB Gain Control Range
6/05-Rev. 0 to Rev. A
ADL5330 AD-ADL5330 Datasheet
218Kb / 3P
Stable, Closed-Loop Automatic Power Control for RF Applications
REV. B
ADL5330 AD-ADL5330 Datasheet
678Kb / 24P
VGA with Gain Control Range
11/2017-Rev. A to Rev. B
ADL5330-EVAL AD-ADL5330-EVAL Datasheet
869Kb / 24P
10 MHz to 3 GHz VGA with 60 dB Gain Control Range
6/05-Rev. 0 to Rev. A
ADL5330-EVAL AD-ADL5330-EVAL Datasheet
678Kb / 24P
VGA with Gain Control Range
11/2017-Rev. A to Rev. B
More results


Similar Description - ADL5330

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8354 AD-AD8354_05 Datasheet
363Kb / 16P
1 MHz to 2.7 GHz RF Gain Block
12/05-Rev. B to Rev. C
ADL5330 AD-ADL5330_05 Datasheet
869Kb / 24P
10 MHz to 3 GHz VGA with 60 dB Gain Control Range
6/05-Rev. 0 to Rev. A
ADL5331 AD-ADL5331 Datasheet
702Kb / 16P
1 MHz to 1.2 GHz VGA with 30 dB Gain Control Range
REV. 0
AD8353 AD-AD8353_15 Datasheet
328Kb / 16P
1 MHz to 2.7 GHz RF Gain Block
Rev. E
AD8354 AD-AD8354_15 Datasheet
339Kb / 16P
1 MHz to 2.7 GHz RF Gain Block
Rev. E
ADL5330 AD-ADL5330_15 Datasheet
870Kb / 24P
10 MHz to 3 GHz VGA with 60 dB Gain Control Range
REV. A
logo
Pasternack Enterprises,...
PE15A1014 PASTERNACK-PE15A1014 Datasheet
428Kb / 6P
50 MHz to 1 GHz Frequency Range
logo
Keysight Technologies
E4982A KEYSIGHT-E4982A Datasheet
3Mb / 22P
1 MHz to 300 MHz/500 MHz/1 GHz/3 GHz
logo
Analog Devices
ADL5330 AD-ADL5330_17 Datasheet
678Kb / 24P
VGA with Gain Control Range
11/2017-Rev. A to Rev. B
ADL5331 AD-ADL5331_17 Datasheet
693Kb / 15P
VGA with Gain Control Range
10/2017-Rev. 0 to Rev. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com