Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5331 Datasheet (PDF) - Analog Devices

ADL5331 Datasheet PDF - Analog Devices
Part # ADL5331
Download  ADL5331 Download
File Size   702.24 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1 MHz to 1.2 GHz VGA with 30 dB Gain Control Range

ADL5331 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADL5331 Datasheet PDF - Analog Devices

Part # ADL5331
Download  ADL5331 Click to download

File Size   702.24 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1 MHz to 1.2 GHz VGA with 30 dB Gain Control Range

ADL5331 Datasheet (HTML) - Analog Devices


ADL5331 Product details

GENERAL DESCRIPTION
The ADL5331 is a high performance, voltage-controlled variable gain amplifier/attenuator for use in applications with frequencies up to 1.2 GHz. The balanced structure of the signal path maximizes signal swing, eliminates common-mode noise and minimizes distortion while it also reduces the risk of spurious feed-forward at low gains and high frequencies caused by parasitic coupling.

FEATURES
   Voltage-controlled amplifier/attenuator
   Operating frequency: 1 MHz to 1.2 GHz
   Optimized for controlling output power
   High linearity: OIP3 47 dBm @ 100 MHz
   Output noise floor: −149 dBm/Hz @ maximum gain
   Input impedance: 50 Ω
   Output impedance: 20 Ω
   Wide gain-control range: 30 dB
   Linear-in-dB gain control function: 40 mV/dB
   Single-supply voltage: 4.75 V to 5.25 V

APPLICATIONS
   Transmit and receive power control at RF and IF
   CATV distribution




Similar Part No. - ADL5331

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5331 AD-ADL5331 Datasheet
270Kb / 4P
Creating a Constant Envelope Signal Using the ADL5331 RFVGA and AD8319 Log Detector
REV. 0
ADL5331 AD-ADL5331 Datasheet
693Kb / 15P
VGA with Gain Control Range
10/2017-Rev. 0 to Rev. A
ADL5331-EVALZ AD-ADL5331-EVALZ Datasheet
693Kb / 15P
VGA with Gain Control Range
10/2017-Rev. 0 to Rev. A
ADL5331ACPZ-R7 AD-ADL5331ACPZ-R7 Datasheet
693Kb / 15P
VGA with Gain Control Range
10/2017-Rev. 0 to Rev. A
ADL5331 AD-ADL5331_17 Datasheet
693Kb / 15P
VGA with Gain Control Range
10/2017-Rev. 0 to Rev. A
More results


Similar Description - ADL5331

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5330 AD-ADL5330 Datasheet
186Kb / 5P
1 MHz - 3 GHz VGA with 60dB Gain Control Range
6/05-Rev. 0 to Rev. A
ADL5330 AD-ADL5330_05 Datasheet
869Kb / 24P
10 MHz to 3 GHz VGA with 60 dB Gain Control Range
6/05-Rev. 0 to Rev. A
ADL5330 AD-ADL5330_15 Datasheet
870Kb / 24P
10 MHz to 3 GHz VGA with 60 dB Gain Control Range
REV. A
logo
NXP Semiconductors
BGA3021 PHILIPS-BGA3021_15 Datasheet
220Kb / 14P
1.2 GHz 16 dB gain CATV amplifier
Rev. 2-25 February 2015
BGA3022 PHILIPS-BGA3022_15 Datasheet
220Kb / 14P
1.2 GHz 18 dB gain CATV amplifier
Rev. 2-25 February 2015
logo
Analog Devices
ADL5330 AD-ADL5330_17 Datasheet
678Kb / 24P
VGA with Gain Control Range
11/2017-Rev. A to Rev. B
ADL5331 AD-ADL5331_17 Datasheet
693Kb / 15P
VGA with Gain Control Range
10/2017-Rev. 0 to Rev. A
logo
NXP Semiconductors
BGA3021 NXP-BGA3021 Datasheet
220Kb / 14P
1.2 GHz 16 dB gain CATV amplifier
Rev. 2-25 February 2015
BGA3022 NXP-BGA3022 Datasheet
220Kb / 14P
1.2 GHz 18 dB gain CATV amplifier
Rev. 2-25 February 2015
logo
Analog Devices
ADL6337 AD-ADL6337 Datasheet
1Mb / 41P
35 dB Gain, 500 MHz to 5200 MHz Transmit VGA
Rev. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com