Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3273822 Datasheet (PDF) - PHOENIX CONTACT

3273822 Datasheet PDF - PHOENIX CONTACT
Part # 3273822
Download  3273822 Download
File Size   554.35 Kbytes
Page   22 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 12X4 BN

3273822 Datasheet (PDF)

Go To PDF Page Download Datasheet
3273822 Datasheet PDF - PHOENIX CONTACT

Part # 3273822
Download  3273822 Click to download

File Size   554.35 Kbytes
Page   22 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 12X4 BN

3273822 Datasheet (HTML) - PHOENIX CONTACT


3273822 Product details

Distribution block, the blocks can be bridged with one another via the conductor shaft, for
corresponding plug-in bridges, see accessories, bridged internally, nom. voltage: 450 V, nominal
current: 32 A, connection method: Push-in connection, cross section: 0.2 mm2 - 6 mm2,
mounting type: for snapping onto a DIN rail adapter, Direct mounting with flange, Free-hanging,
color: brown

Your advantages
• Space savings of up to 50% on the DIN rail, thanks to transverse mounting
• Flexible use, thanks to DIN rail mounting, direct mounting or adhesive mounting
• Clear wiring, thanks to eleven different color variants
• Time savings of up to 80%, thanks to ready-to-mount blocks without manual bridging
• Time-saving conductor connection, thanks to tool-free Push-in direct connection technology




Similar Part No. - 3273822

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273820 PHOENIX-3273820 Datasheet
69Kb / 4P
Distribution block - PTFIX 12X4 GN
3273824 PHOENIX-3273824 Datasheet
550Kb / 21P
Distribution block - PTFIX 12X4 WH
Jul 20, 2022
3273826 PHOENIX-3273826 Datasheet
69Kb / 4P
Distribution block - PTFIX 12X4 BK
3273828 PHOENIX-3273828 Datasheet
550Kb / 21P
Distribution block - PTFIX 12X4 VT
Jul 20, 2022
3273829 PHOENIX-3273829 Datasheet
68Kb / 4P
Distribution block - PTFIX 12X4 PK
More results


Similar Description - 3273822

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273816 PHOENIX-3273816 Datasheet
69Kb / 4P
Distribution block - PTFIX 12X4 RD
3273820 PHOENIX-3273820 Datasheet
69Kb / 4P
Distribution block - PTFIX 12X4 GN
3273814 PHOENIX-3273814 Datasheet
557Kb / 22P
Distribution block - PTFIX 12X4 BU
Jun 22, 2022
3273558 PHOENIX-3273558 Datasheet
481Kb / 20P
Distribution block - PTFIX 12X4-NS35 BN
Jun 29, 2022
3273954 PHOENIX-3273954 Datasheet
478Kb / 19P
Distribution block - PTFIX 12X4-G BN
Jun 27, 2022
3273690 PHOENIX-3273690 Datasheet
482Kb / 19P
Distribution block - PTFIX 12X4-NS35A BN
Jul 20, 2022
3273756 PHOENIX-3273756 Datasheet
479Kb / 19P
Distribution block - PTFIX 10/12X4-NS35A BN
Nov 30, 2022
3273624 PHOENIX-3273624 Datasheet
474Kb / 19P
Distribution block - PTFIX 10/12X4-NS35 BN
Sep 8, 2022
3273888 PHOENIX-3273888 Datasheet
543Kb / 21P
Distribution block - PTFIX 10/12X4 BN
Jul 20, 2022
3274020 PHOENIX-3274020 Datasheet
469Kb / 18P
Distribution block - PTFIX 10/12X4-G BN
Jul 29, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com