Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3273756 Datasheet (PDF) - PHOENIX CONTACT

3273756 Datasheet PDF - PHOENIX CONTACT
Part # 3273756
Download  3273756 Download
File Size   479.79 Kbytes
Page   19 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 10/12X4-NS35A BN

3273756 Datasheet (PDF)

Go To PDF Page Download Datasheet
3273756 Datasheet PDF - PHOENIX CONTACT

Part # 3273756
Download  3273756 Click to download

File Size   479.79 Kbytes
Page   19 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 10/12X4-NS35A BN

3273756 Datasheet (HTML) - PHOENIX CONTACT


3273756 Product details

Distribution block, nom. voltage: 800 V, nominal current: 32 A, connection method: Push-in
connection, Load contact, cross section: 0.2 mm2 - 6 mm2, Push-in connection, Line contact,
Rated cross section: 10 mm2, cross section: 0.5 mm2 - 10 mm2, mounting type: NS 35/7,5, NS
35/15, color: brown

Your advantages
• Flexible use, thanks to DIN rail mounting, direct mounting or adhesive mounting
• Clear wiring, thanks to eleven different color variants
• Time-saving conductor connection, thanks to tool-free Push-in direct connection technology
• Time savings of up to 80 %, thanks to ready-to-mount blocks without manual bridging
• Space savings of up to 50 % on the DIN rail, thanks to transverse mounting




Similar Part No. - 3273756

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273752 PHOENIX-3273752 Datasheet
480Kb / 19P
Distribution block - PTFIX 10/12X4-NS35A YE
Jul 29, 2022
3273754 PHOENIX-3273754 Datasheet
128Kb / 11P
Distribution block - PTFIX 10/12X4-NS35A GN
10/28/2020
3273758 PHOENIX-3273758 Datasheet
480Kb / 20P
Distribution block - PTFIX 10/12X4-NS35A WH
Jun 10, 2022
More results


Similar Description - 3273756

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273758 PHOENIX-3273758 Datasheet
480Kb / 20P
Distribution block - PTFIX 10/12X4-NS35A WH
Jun 10, 2022
3273746 PHOENIX-3273746 Datasheet
480Kb / 20P
Distribution block - PTFIX 10/12X4-NS35A GY
Jun 13, 2022
3273748 PHOENIX-3273748 Datasheet
481Kb / 20P
Distribution block - PTFIX 10/12X4-NS35A BU
Jun 13, 2022
3273822 PHOENIX-3273822 Datasheet
554Kb / 22P
Distribution block - PTFIX 12X4 BN
Jun 13, 2022
3273690 PHOENIX-3273690 Datasheet
482Kb / 19P
Distribution block - PTFIX 12X4-NS35A BN
Jul 20, 2022
3273762 PHOENIX-3273762 Datasheet
480Kb / 19P
Distribution block - PTFIX 10/12X4-NS35A VT
Nov 30, 2022
3273766 PHOENIX-3273766 Datasheet
486Kb / 19P
Distribution block - PTFIX 10/12X4-NS35A-FE
Jul 20, 2022
3273624 PHOENIX-3273624 Datasheet
474Kb / 19P
Distribution block - PTFIX 10/12X4-NS35 BN
Sep 8, 2022
3273888 PHOENIX-3273888 Datasheet
543Kb / 21P
Distribution block - PTFIX 10/12X4 BN
Jul 20, 2022
3274020 PHOENIX-3274020 Datasheet
469Kb / 18P
Distribution block - PTFIX 10/12X4-G BN
Jul 29, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com