Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A7431MP8VR Datasheet (PDF) - AiT Semiconductor Inc.

A7431MP8VR Datasheet PDF - AiT Semiconductor Inc.
Part # A7431MP8VR
Download  A7431MP8VR Download
File Size   562.95 Kbytes
Page   15 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description DC-DC CONVERTER BUCK (STEP-DOWN) 42V 3A CC/CV

A7431MP8VR Datasheet (PDF)

Go To PDF Page Download Datasheet
A7431MP8VR Datasheet PDF - AiT Semiconductor Inc.

Part # A7431MP8VR
Download  A7431MP8VR Click to download

File Size   562.95 Kbytes
Page   15 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description DC-DC CONVERTER BUCK (STEP-DOWN) 42V 3A CC/CV

A7431MP8VR Datasheet (HTML) - AiT Semiconductor Inc.


A7431MP8VR Product details

DESCRIPTION
A7431 is a wide input voltage, high efficiency CC/CV step-down DC-DC converter that operates in either CV (Constant Output Voltage) mode or CC
(Constant Output Current) mode. A7431 provides up to 3A output current at 125kHz switching frequency.
A7431 eliminates the expensive, high accuracy current sense resistor, making it ideal for battery charging applications and adaptors with accurate current limit. The A7431 achieves higher efficiency than traditional constant current switching regulators by eliminating its associated power loss on the additional current sensing resistor. A7431 provides OVP pin for output over voltage protection.
A7431 integrates adaptive gate drive to achieve excellent EMI performance passing EN55022 Class B EMC standard without adding additional EMI components while maintaining high conversion efficiency.
Protection features include cycle-by-cycle current limit, thermal shutdown, and frequency foldback at short circuit. A7431 are available in a PSOP8 package and require very few external devices for operation.
The A7431 is available in PSOP8 package.

FEATURES
 42V Input Voltage Surge
 36V Steady State Operation
 Up to 3A Output Current
 Output Voltage up to 12V
 125kHz Switching Frequency
 Up to 91% Efficiency
 Stable with Low-ESR Ceramic Capacitors to Allow Low-Profile Designs
 Integrated Over Voltage Protection
 Excellent EMI Performance
 Constant Current Control Without Additional Current Sensing Resistor Improves Efficiency and Lowers Cost.
 Resistor Programmable Current Limit from 1.5A to 3.5A
 Up to 0.5V Excellent Cable Voltage Drop Compensation
 ±7.5% CC Accuracy
 2% Feedback Voltage Accuracy
 Advanced Feature Set
Integrated Soft Start
Thermal Shutdown
Cycle-by-Cycle Current Limit
 Available in PSOP8 Package

APPLICATION
 Car Charger/ Adaptor
 Rechargeable Portable Devices
 General-Purpose CC/CV Supply




Similar Part No. - A7431MP8VR

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
A7431A AITSEMI-A7431A Datasheet
514Kb / 15P
DC-DC CONVERTER BUCK (STEP-DOWN) 42V 3A CC/CV
REV1.0
A7431AMP8R AITSEMI-A7431AMP8R Datasheet
514Kb / 15P
DC-DC CONVERTER BUCK (STEP-DOWN) 42V 3A CC/CV
REV1.0
A7431AMP8VR AITSEMI-A7431AMP8VR Datasheet
514Kb / 15P
DC-DC CONVERTER BUCK (STEP-DOWN) 42V 3A CC/CV
REV1.0
More results


Similar Description - A7431MP8VR

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4303 ACTIVE-SEMI-ACT4303 Datasheet
622Kb / 15P
30V/3A Sensorless CC/CV Step-Down DC/DC Converter
Rev 0, 05-Dec-11
ACT4501 ACTIVE-SEMI-ACT4501 Datasheet
467Kb / 15P
1.25A CC/CV Step-Down DC/DC Converter
Rev 2, 14-Nov-12
ACT4501 ACTIVE-SEMI-ACT4501_14 Datasheet
466Kb / 16P
1.25A CC/CV Step-Down DC/DC Converter
Rev 2, 14-Nov-12
EA4501SH ACTIVE-SEMI-EA4501SH Datasheet
467Kb / 15P
1.25A CC/CV Step-Down DC/DC Converter
Rev 2, 14-Nov-12
logo
Shenzhen Huazhimei Semi...
HM4523 HMSEMI-HM4523 Datasheet
662Kb / 8P
42V 3A CC/CV Step-Down DC/DC Converter
HM4533A HMSEMI-HM4533A Datasheet
622Kb / 8P
42V 3A CC/CV Step-Down DC/DC Converter
HM4533A-E HMSEMI-HM4533A-E Datasheet
622Kb / 8P
42V 3A CC/CV Step-Down DC/DC Converter
HM4523-E HMSEMI-HM4523-E Datasheet
662Kb / 8P
42V 3A CC/CV Step-Down DC/DC Converter
logo
AiT Semiconductor Inc.
A7330 AITSEMI-A7330 Datasheet
665Kb / 14P
DC-DC CONVERTER BUCK (STEP-DOWN) SENSORLESS CC/CV
REV2.0
A7431A AITSEMI-A7431A Datasheet
514Kb / 15P
DC-DC CONVERTER BUCK (STEP-DOWN) 42V 3A CC/CV
REV1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com