Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A7431MP8VR Datasheet(PDF) 2 Page - AiT Semiconductor Inc.

Part # A7431MP8VR
Description  DC-DC CONVERTER BUCK (STEP-DOWN) 42V 3A CC/CV
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

A7431MP8VR Datasheet(HTML) 2 Page - AiT Semiconductor Inc.

  A7431MP8VR Datasheet HTML 1Page - AiT Semiconductor Inc. A7431MP8VR Datasheet HTML 2Page - AiT Semiconductor Inc. A7431MP8VR Datasheet HTML 3Page - AiT Semiconductor Inc. A7431MP8VR Datasheet HTML 4Page - AiT Semiconductor Inc. A7431MP8VR Datasheet HTML 5Page - AiT Semiconductor Inc. A7431MP8VR Datasheet HTML 6Page - AiT Semiconductor Inc. A7431MP8VR Datasheet HTML 7Page - AiT Semiconductor Inc. A7431MP8VR Datasheet HTML 8Page - AiT Semiconductor Inc. A7431MP8VR Datasheet HTML 9Page - AiT Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
A7431
DC-DC CONVERTER BUCK (STEP-DOWN)
42V 3A CC/CV
REV1.1
- JAN 2016 RELEASED, SEP 2016 UPDATED -
- 2 -
PIN DESCRIPTION
Top View
Pin #
Symbol
Function
1
BS
High Side Bias Pin. This provides power to the internal high-side MOSFET gate driver.
Connect a 22nF capacitor from BS pin to SW pin.
2
VIN
Power Supply Input. Bypass this pin with a minimum 10μF ceramic capacitor to GND,
placed as close to the IC as possible.
3
SW
Power Switching Output to External Inductor.
4
GND
Ground. Connect this pin to a large PCB copper area for best heat dissipation. Return
FB, COMP, and ISET to this GND, and connect this GND to power GND at a single
point for best noise immunity.
5
FB
Feedback Input. The voltage at this pin is regulated to 0.808V.
Connect to the resistor divider between output and GND to set the output voltage.
6
COMP
Error Amplifier Output. This pin is used to compensate the converter.
7
OVP
OVP input. If the voltage at this pin exceeds 0.8V, the IC shuts down high-side switch.
8
ISET
Output Current Setting Pin. Connect a resistor from ISET to GND to program the output
current.
9
Exposed
Pad
Heat Dissipation Pad. Connect this exposed pad to large ground copper area with
copper and vias.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com