Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A7431MP8VR Datasheet(PDF) 14 Page - AiT Semiconductor Inc.

Part # A7431MP8VR
Description  DC-DC CONVERTER BUCK (STEP-DOWN) 42V 3A CC/CV
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

A7431MP8VR Datasheet(HTML) 14 Page - AiT Semiconductor Inc.

Back Button A7431MP8VR Datasheet HTML 7Page - AiT Semiconductor Inc. A7431MP8VR Datasheet HTML 8Page - AiT Semiconductor Inc. A7431MP8VR Datasheet HTML 9Page - AiT Semiconductor Inc. A7431MP8VR Datasheet HTML 10Page - AiT Semiconductor Inc. A7431MP8VR Datasheet HTML 11Page - AiT Semiconductor Inc. A7431MP8VR Datasheet HTML 12Page - AiT Semiconductor Inc. A7431MP8VR Datasheet HTML 13Page - AiT Semiconductor Inc. A7431MP8VR Datasheet HTML 14Page - AiT Semiconductor Inc. A7431MP8VR Datasheet HTML 15Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
A7431
DC-DC CONVERTER BUCK (STEP-DOWN)
42V 3A CC/CV
REV1.1
- JAN 2016 RELEASED, SEP 2016 UPDATED -
- 14 -
PACKAGE INFORMATION
Dimension in PSOP8 (Unit: mm)
Symbol
Millimeters
Inches
Min
Max
Min
Max
A
1.400
1.700
0.055
0.067
A1
0.050
0.150
0.002
0.006
A2
1.350
1.550
0.053
0.061
b
0.330
0.510
0.013
0.020
c
0.170
0.250
0.007
0.010
D
4.700
5.100
0.185
0.200
D1
3.202
3.402
0.126
0.134
E
3.800
4.000
0.150
0.157
E1
5.800
6.200
0.228
0.244
E2
2.313
2.513
0.091
0.099
e
1.270(BSC)
0.050(BSC)
L
0.400
1.270
0.016
0.050
L1
1.04(REF)
0.041(REF)
L1-L1’
-
0.12
-
0.005
θ
0°
8°
0°
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com