Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A7431MP8VR Datasheet(PDF) 13 Page - AiT Semiconductor Inc.

Part # A7431MP8VR
Description  DC-DC CONVERTER BUCK (STEP-DOWN) 42V 3A CC/CV
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

A7431MP8VR Datasheet(HTML) 13 Page - AiT Semiconductor Inc.

Back Button A7431MP8VR Datasheet HTML 7Page - AiT Semiconductor Inc. A7431MP8VR Datasheet HTML 8Page - AiT Semiconductor Inc. A7431MP8VR Datasheet HTML 9Page - AiT Semiconductor Inc. A7431MP8VR Datasheet HTML 10Page - AiT Semiconductor Inc. A7431MP8VR Datasheet HTML 11Page - AiT Semiconductor Inc. A7431MP8VR Datasheet HTML 12Page - AiT Semiconductor Inc. A7431MP8VR Datasheet HTML 13Page - AiT Semiconductor Inc. A7431MP8VR Datasheet HTML 14Page - AiT Semiconductor Inc. A7431MP8VR Datasheet HTML 15Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
A7431
DC-DC CONVERTER BUCK (STEP-DOWN)
42V 3A CC/CV
REV1.1
- JAN 2016 RELEASED, SEP 2016 UPDATED -
- 13 -
PC Board Layout Guidance
Figure8 showed the example of components placement and PCB layout. When laying out the printed circuit
board, the following checklist should be used to ensure proper operation of the IC.
1) Arrange the power components to reduce the AC loop size,consisting of input ceramic capacitor C1, VIN
pin, SW pin and the schottky diode D1.
2) Place input decoupling ceramic capacitor C1 as close to VIN pin as possible. C1 is connected power GND
with vias or short and wide path.
3) Return FB, COMP and ISET to signal GND pin, and connect the signal GND to power GND at a single
point for best noise immunity. Connect exposed pad to power ground copper area with copper and vias.
4) Use copper plane for power GND for best heat dissipation and noise immunity.
5) Place feedback resistor close to FB pin.
6) Use short trace connecting BS-C5-SW loop.
Figure 8: Example of PCB Layout
Figure 9. Typical Efficiency Curve



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com