Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VBUS052CD-FAH Datasheet (PDF) - Vishay Siliconix

VBUS052CD-FAH Datasheet PDF - Vishay Siliconix
Part # VBUS052CD-FAH_V01
Download  VBUS052CD-FAH Download
File Size   137.53 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 2-Line BUS-Port ESD Protection - Flow Through Design

VBUS052CD-FAH Datasheet (PDF)

Go To PDF Page Download Datasheet
VBUS052CD-FAH Datasheet PDF - Vishay Siliconix

Part # VBUS052CD-FAH_V01
Download  VBUS052CD-FAH Click to download

File Size   137.53 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 2-Line BUS-Port ESD Protection - Flow Through Design

VBUS052CD-FAH Datasheet (HTML) - Vishay Siliconix


VBUS052CD-FAH Product details

FEATURES
• Compact LLP1713-7L package
• Low package height < 0.6 mm
• 2-line ESD protection
• Low leakage current IR < 0.1 μA
• Low load capacitance CD = 0.8 pF
• Ideal for high speed data line like
- HDMI, DisplayPort, eSATA
- USB, 1394/firewire
• ESD immunity acc. IEC 61000-4-2
± 15 kV contact discharge
± 15 kV air discharge
• Soldering can be checked by standard vision inspection;
no X-ray necessary
• e4 - precious metal (e.g. Ag, Au, NiPd, NiPdAu) (no Sn)
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - VBUS052CD-FAH_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VBUS052CD-FAH-GS08 VISHAY-VBUS052CD-FAH-GS08 Datasheet
139Kb / 7P
2-Line BUS-Port ESD-Protection - Flow Through Design
31-May-12
More results


Similar Description - VBUS052CD-FAH_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VBUS54ED-FBL VISHAY-VBUS54ED-FBL Datasheet
133Kb / 6P
4-Line BUS-Port ESD Protection - Flow Through Design
15-Aug-11
VBUS052CD-FAH VISHAY-VBUS052CD-FAH Datasheet
646Kb / 6P
2-Line BUS-Port ESD-Protection - Flow Through Design
19-May-10
VBUS054CD-FHI VISHAY-VBUS054CD-FHI Datasheet
131Kb / 7P
4-Line BUS-Port ESD-Protection - Flow Through Design
31-May-12
VBUS052CD-FAH-GS08 VISHAY-VBUS052CD-FAH-GS08 Datasheet
139Kb / 7P
2-Line BUS-Port ESD-Protection - Flow Through Design
31-May-12
VBUS54FD-SD1 VISHAY-VBUS54FD-SD1 Datasheet
113Kb / 6P
4-Line BUS-Port ESD Protection Array - Flow Through Design
20-Sep-16
VBUS54CV-HSF VISHAY-VBUS54CV-HSF Datasheet
173Kb / 7P
4-Line BUS-Port ESD Protection
03-May-17
VBUS54GD-FBL VISHAY-VBUS54GD-FBL Datasheet
136Kb / 8P
4-Line BUS-Port ESD Protection - Flow Through Design
03-May-17
VBUS052C-FAH VISHAY-VBUS052C-FAH Datasheet
136Kb / 7P
2-Line BUS-Port ESD Protection - Flow Through Design
14-Oct-2019
VBUS05M2-HT1 VISHAY-VBUS05M2-HT1_V01 Datasheet
114Kb / 7P
2-Line Low Capacitance, Bidirectional and Symmetrical (BiSy) ESD Protection Diode - Flow Through Design
17-Sep-2019
VBUS54FD-SD1 VISHAY-VBUS54FD-SD1_V01 Datasheet
137Kb / 6P
4-Line BUS-Port ESD Protection Array - Flow Through Design
09-Feb-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com